Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M-2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIP202-12M-2
Description  DC-to-DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIP202-12M-2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PIP202-12M-2 Datasheet HTML 2Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 3Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 4Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 5Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 6Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 7Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 8Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 9Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Philips Semiconductors
PIP202-12M-2
DC-to-DC converter powertrain
Product data
Rev. 02 — 24 November 2003
6 of 20
9397 750 11943
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
9.
Thermal characteristics
10. Characteristics
[1]
If the input voltage remains between VIH and VIL (2.5 V typ) for longer than td(3-state), then both MOSFETs are turned off.
Table 4:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-pcb)
thermal resistance from
junction to printed-circuit
board
-
4
5
K/W
Rth(j-a)
thermal resistance from
junction to ambient
device mounted on FR4
printed-circuit board; copper
area around device 25
× 25 mm
no thermal vias
-
25
-
K/W
with thermal vias
-
20
-
K/W
with thermal vias and forced
air cooling; airflow = 0.8 ms-1
(150 LFM)
-
15
-
K/W
Rth(j-c)
thermal resistance from
junction to case
measured on upper surface of
package.
-
11
-
K/W
Table 5:
Characteristics
VDDC =12V; Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VDDC
control circuit supply voltage
25
°C ≤ Tj ≤ 150 °C
7
12
14
V
VIH
HIGH-level input voltage
25
°C ≤ Tj ≤ 150 °C
[1]
3.0
3.45
3.9
V
VIL
LOW-level input voltage
25
°C ≤ Tj ≤ 150 °C
[1]
1
1.45
1.9
V
ILI
input leakage current
0 V
≤ VI ≤ 5 V
-
0.3
1.2
mA
IDDC
control circuit supply current
fi = 0 Hz
-
1.5
3
mA
fi = 500 kHz; Figure 10
-45
60
mA
Ptot
total power dissipation
VDDO =12V; IO(AV) =20A;
fi = 500 kHz; VO = 1.6 V;
Tpcb ≤ 120 °C; Figure 6
-
4.5
-
W
Dynamic characteristics
td(on)(IH-OH) turn-on delay time input HIGH
to output HIGH
VDDO =12V; IO(AV) =25A
-
77
85
ns
td(off)(IL-OL) turn-off delay time input LOW
to output LOW
-30
45
ns
to(r)
output rise time
-
18
25
ns
to(f)
output fall time
-
12
20
ns
td(3-state)
3-state delay time
-
140
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com