Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M-2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIP202-12M-2
Description  DC-to-DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIP202-12M-2 Datasheet(HTML) 1 Page - NXP Semiconductors

  PIP202-12M-2 Datasheet HTML 1Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 2Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 3Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 4Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 5Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 6Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 7Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 8Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PIP202-12M-2
DC-to-DC converter powertrain
Rev. 02 — 24 November 2003
Product data
M3D797
1.
Description
The PIP202-12M is designed for use as the power output stage of a synchronous
buck DC-to-DC converter. It contains a MOSFET control IC, two power MOSFET
transistors and a Schottky diode. By combining the power MOSFETs and the driver
circuit into a single component, stray inductances are virtually eliminated, resulting in
higher switching frequency, lower switching losses and a compact, efficient design.
2.
Features
s Input voltage conversion range from 3.3 V to 12 V
s Output voltages from 0.8 V to 5 V
s Capable of up to 25 A continuous output current
s Operating frequency up to 1 MHz
s Peak system efficiency >92% at 500 kHz
s Low-profile, surface mount package (10
× 10 × 0.85 mm)
s Compatible with any single or multi-phase PWM controller.
3.
Applications
s High-current DC-to-DC point-of-load converters
s Small form-factor Voltage Regulator Modules
s Microprocessor and memory voltage regulators.
4.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
PIP202-12M-2
HVQFN68
(MLF68)
plastic, thermal enhanced very thin quad flat package; no leads;
68 terminals; body 10
× 10 × 0.85 mm
SOT687-1


Similar Part No. - PIP202-12M-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP202-12M PHILIPS-PIP202-12M Datasheet
156Kb / 20P
DC to DC converter powertrain
Rev. 01-15 July 2002
More results

Similar Description - PIP202-12M-2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP202-12M PHILIPS-PIP202-12M Datasheet
156Kb / 20P
DC to DC converter powertrain
Rev. 01-15 July 2002
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
DC-to-DC converter powertrain
Rev. 02-2 March 2005
PIP212-12M NXP-PIP212-12M Datasheet
148Kb / 21P
DC-to-DC converter powertrain
Rev. 04-23 October 2006
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com