Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M-2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PIP202-12M-2
Description  DC-to-DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIP202-12M-2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PIP202-12M-2 Datasheet HTML 5Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 6Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 7Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 8Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 9Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 10Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 11Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 12Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
PIP202-12M-2
DC-to-DC converter powertrain
Product data
Rev. 02 — 24 November 2003
9 of 20
9397 750 11943
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
11. Application information
11.1 Typical application
A typical four-phase buck converter is shown in Figure 11. This system uses four
PIP202-12M devices to deliver a continuous output current of 80 A at an operating
frequency of 500 kHz.
Remark: An external bootstrap diode is not required as one is already integrated into
the design of the PIP202-12M between VDDC and CB.
Fig 11. Typical application circuit using the PIP202-12M in a four-phase converter.
PWM 1
PWM 2
PWM 3
PWM 4
PWM
Controller
03ag56
conversion
supply (12 V)
control circuit
supply (12 V)
output
voltage
PIP202-12M
360 nH
VDDC
VDDO
CB
VO
VSSO
VI
PIP202-12M
360 nH
100
nF
1
µF
VDDC
VDDO
CB
VO
VSSO
VSSC
VSSC
VSSC
VSSC
VI
PIP202-12M
360 nH
VDDC
VDDO
CB
VO
VSSO
VI
PIP202-12M
360 nH
VDDC
VDDO
CB
VO
VSSO
VI
10
Ω
2.2 nF
2.2
Ω
22
µF (4x)
10
Ω
10
Ω
10
Ω
2.2
Ω
2.2
Ω
2.2
Ω
2.2 nF
2.2 nF
2.2 nF
100
nF
100
nF
100
nF
1
µF
1
µF
1
µF
100
µF (2x)
signal ground
power ground
100
µF (2x)
100
µF (2x)
100
µF (2x)
22
µF (4x)
22
µF (4x)
22
µF (4x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com