Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK5 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXK5
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXK5 Datasheet HTML 1Page - Panasonic Semiconductor AXK5 Datasheet HTML 2Page - Panasonic Semiconductor AXK5 Datasheet HTML 3Page - Panasonic Semiconductor AXK5 Datasheet HTML 4Page - Panasonic Semiconductor AXK5 Datasheet HTML 5Page - Panasonic Semiconductor AXK5 Datasheet HTML 6Page - Panasonic Semiconductor AXK5 Datasheet HTML 7Page - Panasonic Semiconductor AXK5 Datasheet HTML 8Page - Panasonic Semiconductor AXK5 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AXK(5(S)/6(S))
Notes: 1. Regarding ordering units: During production: Please make orders in 1 reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please consult us. (See “Regarding sample orders to confirm proper mounting” on page 150.)
Samples: Small lot orders are possible.
2. The standard type comes without positioning bosses (However, mated heights of 4 mm or higher and 120 pins or more comes standard with bosses). Connectors
with positioning bosses are available for on-demand production. For P5KS type of 9th digit of the part no. changes from 4 to 3.
e.g. Mated height 4.0 mm, 20 contacts for sockets: AXK5S20037YG
3. Previous non-
types and current
types are compatible for mating.
Product
name
Mated
height
No. of
contacts
Part No.
Packing
Socket
Header
Inner carton (1 reel)
Outer carton
P5KS
7.0 mm
20
AXK5S20347YG
AXK6S20447YG
Socket: 1,000 pieces
Header: 1,500 pieces
Socket: 2,000 pieces
Header: 3,000 pieces
30
AXK5S30347YG
AXK6S30447YG
40
AXK5S40347YG
AXK6S40447YG
50
AXK5S50347YG
AXK6S50447YG
60
AXK5S60347YG
AXK6S60447YG
70
AXK5S70347YG
AXK6S70447YG
80
AXK5S80347YG
AXK6S80447YG
100
AXK5S00347YG
AXK6S00447YG
8.0 mm
20
AXK5S20347YG
AXK6S20547YG
1,000 pieces
2,000 pieces
30
AXK5S30347YG
AXK6S30547YG
40
AXK5S40347YG
AXK6S40547YG
50
AXK5S50347YG
AXK6S50547YG
60
AXK5S60347YG
AXK6S60547YG
70
AXK5S70347YG
AXK6S70547YG
80
AXK5S80347YG
AXK6S80547YG
100
AXK5S00347YG
AXK6S00547YG
9.0 mm
20
AXK5S20347YG
AXK6S20647YG
30
AXK5S30347YG
AXK6S30647YG
40
AXK5S40347YG
AXK6S40647YG
50
AXK5S50347YG
AXK6S50647YG
60
AXK5S60347YG
AXK6S60647YG
70
AXK5S70347YG
AXK6S70647YG
80
AXK5S80347YG
AXK6S80647YG
100
AXK5S00347YG
AXK6S00647YG
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com