Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK5 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXK5
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXK5 Datasheet HTML 2Page - Panasonic Semiconductor AXK5 Datasheet HTML 3Page - Panasonic Semiconductor AXK5 Datasheet HTML 4Page - Panasonic Semiconductor AXK5 Datasheet HTML 5Page - Panasonic Semiconductor AXK5 Datasheet HTML 6Page - Panasonic Semiconductor AXK5 Datasheet HTML 7Page - Panasonic Semiconductor AXK5 Datasheet HTML 8Page - Panasonic Semiconductor AXK5 Datasheet HTML 9Page - Panasonic Semiconductor AXK5 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AXK(5(S)/6(S))
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
Dimension table (mm)
Suffix: G (1 reel, 1,500 pieces or 1,000 pieces embossed tape and plastic reel package)
Connector orientation with respect to direction of progress of embossed tape
Type
Mated height
No. of contacts
Type of taping
A
B
C
D
Quantity per reel
P5K
Socket and header are common
3.0mm, 3.5mm
20 to 50
Tape I
24.0
—
11.5
25.4
1,500 pcs.
60 to 70
Tape II
32.0
28.4
14.2
33.4
80 to 100
Tape II
44.0
40.4
20.2
45.4
120
Tape II
56.0
52.4
26.2
57.4
P5KS
Socket: 4.0mm, 4.5mm, 5.0mm,
5.5mm, 6.0mm, 6.5mm
Header: 4.0mm, 4.5mm, 7.0mm
20 to 50
Tape I
24.0
—
11.5
25.4
1,500 pcs.
60 to 70
Tape II
32.0
28.4
14.2
33.4
80 to 100
Tape II
44.0
40.4
20.2
45.4
120 to 160
Tape II
56.0
52.4
26.2
57.4
Socket: 7.0mm, 8.0mm, 9.0mm
Header: 5.0mm, 5.5mm, 6.0mm,
6.5mm, 8.0mm, 9.0mm
20 to 50
Tape I
24.0
—
11.5
25.4
1,000 pcs.
60 to 70
Tape II
32.0
28.4
14.2
33.4
80 to 100
Tape II
44.0
40.4
20.2
45.4
130
Tape II
56.0
52.4
26.2
57.4
• Tape dimensions (Conforming to JIS C 0806-1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
12.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
12.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
• Plastic reel dimensions (Conforming to EIAJ ET–7200B)
D
±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Type
Direction
of tape progress
P5K
P5KS (Less than 100 contacts)
P5KS 120, 130, 160 contacts
Socket
Header
Socket
Header
Socket
Header
Note: There is no indication on this product
regarding top-bottom or left-right
orientation.
This corner is oriented on the C side.
This corner is oriented on the C side.
This corner is oriented on the C side.
This corner is oriented on the C side.
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com