Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK5 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXK5
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXK5 Datasheet HTML 1Page - Panasonic Semiconductor AXK5 Datasheet HTML 2Page - Panasonic Semiconductor AXK5 Datasheet HTML 3Page - Panasonic Semiconductor AXK5 Datasheet HTML 4Page - Panasonic Semiconductor AXK5 Datasheet HTML 5Page - Panasonic Semiconductor AXK5 Datasheet HTML 6Page - Panasonic Semiconductor AXK5 Datasheet HTML 7Page - Panasonic Semiconductor AXK5 Datasheet HTML 8Page - Panasonic Semiconductor AXK5 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AXK(5(S)/6(S))
2. P5KS (4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 7.0 mm, 8.0 mm and 9.0 mm)
PRODUCT TYPES
1. P5K
Notes: 1. Regarding ordering units: During production: Please make orders in 1 reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please consult us. (See “Regarding sample orders to confirm proper mounting” on page 150.)
Samples: Small lot orders are possible.
2. The standard type comes without positioning bosses.
Connectors with positioning bosses are available on-demand production. For P5K type of 8th digit of the part no. changes from 4 to 3.
e.g. Mated height 3.0 mm, 20 contacts for sockets: AXK520137YG
3. Previous non-
types and current
types are compatible for mating.
Product
name
Mated
height
No. of
contacts
Part No.
Packing
Socket
Header
Inner carton (1 reel)
Outer carton
P5K
3.0 mm
20
AXK520147YG
AXK620347YG
1,500 pieces
3,000 pieces
22
AXK522147YG
AXK622347YG
30
AXK530147YG
AXK630347YG
40
AXK540147YG
AXK640347YG
50
AXK550147YG
AXK650347YG
60
AXK560147YG
AXK660347YG
70
AXK570147YG
AXK670347YG
80
AXK580147YG
AXK680347YG
100
AXK500147YG
AXK600347YG
120
AXK5A2147YG
AXK6A2347YG
3.5 mm
20
AXK520147YG
AXK620247YG
22
AXK522147YG
AXK622247YG
30
AXK530147YG
AXK630247YG
34
AXK534147YG
AXK634247YG
40
AXK540147YG
AXK640247YG
50
AXK550147YG
AXK650247YG
60
AXK560147YG
AXK660247YG
70
AXK570147YG
AXK670247YG
80
AXK580147YG
AXK680247YG
100
AXK500147YG
AXK600247YG
120
AXK5A2147YG
AXK6A2247YG
Mated height
<Socket>
0: For mated height 4.0 mm, 5.0 mm and 6.0 mm
2: For mated height 4.5 mm, 5.5 mm and 6.5 mm
3: For mated height 7.0 mm, 8.0 mm and 9.0 mm
<Header>
4: For mated height 4.0 mm, 4.5 mm and 7.0 mm
5: For mated height 5.0 mm, 5.5 mm and 8.0 mm
6: For mated height 6.0 mm, 6.5 mm and 9.0 mm
Surface treatment (Contact portion / Terminal portion)
7: Ni plating on base, Au plating on surface /
Ni plating on base, Au plating on surface (Ni barrier product)
Number of contacts (2 digits)
Contact portion
<Socket> Y: V notch type product
<Header> Y: V notch type product
Packing
G: 1,500 pieces embossed tape and plastic reel
× 2
Socket: Mated heights 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm
Header: Mated heights 4.0 mm, 4.5 mm, 7.0 mm
1,000 pieces plastic reel
× 2
Socket: Mated heights 7.0 mm, 8.0 mm, 9.0 mm
Header: Mated heights 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 8.0 mm, 9.0 mm
5S: Narrow Pitch Connector P5KS Socket
6S: Narrow Pitch Connector P5KS Header
Functions
3: With positioning boss and direction for protection from reverse mating
4: Without positioning boss/with direction for protection from reverse mating
7: With positioning boss/without direction for protection from reverse mating
8: Without positioning boss and direction for protection from reverse mating
AXK
7
Y
G
Note: Models with mating directionality to prevent reverse insertion have less than 100 contacts. Models without mating directionality to
prevent reverse insertion have over 100 contacts.
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com