Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK5 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXK5
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXK5 Datasheet HTML 1Page - Panasonic Semiconductor AXK5 Datasheet HTML 2Page - Panasonic Semiconductor AXK5 Datasheet HTML 3Page - Panasonic Semiconductor AXK5 Datasheet HTML 4Page - Panasonic Semiconductor AXK5 Datasheet HTML 5Page - Panasonic Semiconductor AXK5 Datasheet HTML 6Page - Panasonic Semiconductor AXK5 Datasheet HTML 7Page - Panasonic Semiconductor AXK5 Datasheet HTML 8Page - Panasonic Semiconductor AXK5 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AXK(5(S)/6(S))
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
DIMENSIONS (Unit: mm)
Item
Specifications
Conditions
3mm, 3.5mm type
4mm, 4.5mm, 5mm,
5.5mm, 6mm, 6.5mm type
7mm, 8mm, 9mm type
Electrical
characteristics
Rated current
0.5A/terminal (Max. 10A)
0.5A/terminal (Max. 16A)
Rated voltage
60V AC/DC
Breakdown voltage
150V AC for 1 min.
Detection current: 1mA
Insulation resistance
Min. 1000M
Ω
Using 500V DC megger
Contact resistance
Max. 60m
Ω
Max. 80m
Ω
Based on the contact resistance
measurement method specified
by JIS C 5402.
Mechanical
characteristics
Composite insertion
force
Max. 0.785N {80gf}
× no. of contacts (initial)
Composite removal
force
Min. 0.0588N {6gf}
× no. of contacts
Contact holding force
Min. 0.98N {100gf}/contacts
Measuring the maximum force.
As the contact is axially pull out.
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures
Soldering heat
resistance
Max. peak temperature of 260
°C
(on the surface of the PC board around the connector terminals)
Infrared reflow soldering
300
°C within 5 sec., 350°C within 3 sec.
Soldering iron
Thermal shock
resistance (header
and socket mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
Ω
5 cycles,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Ω
Sequence
1. –55
°C, 30 minutes
2. ~ , Max. 5 minutes
3. 85
°C, 30 minutes
4. ~ , Max. 5 minutes
Humidity resistance
(header and socket
mated)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
Ω
120 hours,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Ω
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray
resistance (header
and socket mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
Ω
24 hours,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Ω
Bath temperature 35
±2°C,
saltwarter concentration 5
±1%
H2S resistance
(header and socket
mated)
48 hours,
contact resistance max. 60m
Ω
48 hours,
contact resistance
max. 80m
Ω
Bath temperature 40
±2°C,
gas concentration 3
±1 ppm,
humidity 75 to 80% R.H.
Lifetime
characteristics
Insertion and removal
life
50 times
Repeated insertion and removal
speed of max. 200 times/hours
Unit weight
P5K 3mm 30 contacts
P5KS 4mm 30 contacts
Socket: 0.17g Header: 0.09g
Socket: 0.18g Header: 0.16g
Part name
Mated height 3mm, 3.5mm, 4mm, 4.5mm, 5mm, 5.5mm, 6mm, 6.5mm, 7mm, 8mm, 9mm
Material
Surface treatment
Molded portion
Heat-resistant resin (UL94V-0)
—
Contact/post
Copper alloy
Contact portion: Ni plating on base, Au plating on surface
Terminal portion: Ni plating on base, Au plating on surface (Except for thick of terminal)
The section close to the soldering portion has a nickel barrier.
(The nickel base is exposed.)
0
–3
+3
0
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
P5K: Mated height 3mm, 3.5mm type
• Socket
Dimension table (mm)
No. of contacts
A
B
20
8.20
4.50
22
8.70
5.00
30
10.70
7.00
34
11.70
8.00
40
13.20
9.50
50
15.70
12.00
60
18.20
14.50
70
20.70
17.00
80
23.20
19.50
100
28.20
24.50
120
33.20
29.50
General tolerance:
±0.2
5
A
0.5
±0.05
0.2
±0.03
0.5
±0.05
B
±0.1
(0.9)
(0.9)
4
0.17
±0.03
5.8
2.15
1.44
Suction
face
2.35
0.1
(Terminal flatness)
CAD Data
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com