Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575EP Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575EP Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2575EP Datasheet HTML 1Page - National Semiconductor (TI) LM2575EP Datasheet HTML 2Page - National Semiconductor (TI) LM2575EP Datasheet HTML 3Page - National Semiconductor (TI) LM2575EP Datasheet HTML 4Page - National Semiconductor (TI) LM2575EP Datasheet HTML 5Page - National Semiconductor (TI) LM2575EP Datasheet HTML 6Page - National Semiconductor (TI) LM2575EP Datasheet HTML 7Page - National Semiconductor (TI) LM2575EP Datasheet HTML 8Page - National Semiconductor (TI) LM2575EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Ordering Information (Continued)
Note 1: For the following (Enhanced Plastic) version, check for availability: LM2575M-12EP, LM2575M-15EP, LM2575M-3.3EP, LM2575M-5.0EP, LM2575M-
ADJEP, LM2575MX-12EP, LM2575MX-15EP, LM2575MX-3.3EP, LM2575MX-5.0EP, LM2575MX-ADJEP, LM2575N-12EP, LM2575N-15EP, LM2575N-5.0EP,
LM2575N-ADJEP, LM2575T-12EP, LM2575T-15EP, LM2575T-3.3EP, LM2575T-5.0EP, LM2575T-ADJEP, LM2575S-12EP, LM2575S-15EP, LM2575S-3.3EP,
LM2575S-5.0EP, LM2575S-ADJEP, LM2575SX-12EP, LM2575SX-15EP, LM2575SX-3.3EP, LM2575SX-5.0EP, LM2575SX-ADJEP, LM2575HVM-12EP,
LM2575HVM-15EP, LM2575HVM-5.0EP, LM2575HVM-ADJEP, LM2575HVMX-12EP, LM2575HVMX-15EP, LM2575HVMX-5.0EP, LM2575HVMX-ADJEP,
LM2575HVN-12EP, LM2575HVN-15EP, LM2575HVN-5.0EP, LM2575HVN-ADJEP, LM2575HVT-12EP, LM2575HVT-15EP, LM2575HVT-3.3EP, LM2575HVT-
5.0EP, LM2575HVT-ADJEP, LM2575HVS-12EP, LM2575HVS-15EP, LM2575HVS-3.3EP, LM2575HVSX-12EP, LM2575HVSX-15EP, LM2575HVSX-3.3EP,
LM2575HVSX-5.0EP, LM2575HVSX-ADJEP. Parts listed with an "X" are provided in Tape & Reel and parts without an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/mil
Note 3: Refer to package details under Physical Dimensions
Typical Application (Fixed Output Voltage
Versions)
20113201
Note: Pin numbers are for the TO-220 package.
Block Diagram and Typical Application
20113202
3.3V, R2 = 1.7k
5V, R2 = 3.1k
12V, R2 = 8.84k
15V, R2 = 11.3k
For ADJ. Version
R1 = Open, R2 = 0
Note: Pin numbers are for the TO-220 package.
FIGURE 1.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com