Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575EP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575EP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2575EP Datasheet HTML 1Page - National Semiconductor (TI) LM2575EP Datasheet HTML 2Page - National Semiconductor (TI) LM2575EP Datasheet HTML 3Page - National Semiconductor (TI) LM2575EP Datasheet HTML 4Page - National Semiconductor (TI) LM2575EP Datasheet HTML 5Page - National Semiconductor (TI) LM2575EP Datasheet HTML 6Page - National Semiconductor (TI) LM2575EP Datasheet HTML 7Page - National Semiconductor (TI) LM2575EP Datasheet HTML 8Page - National Semiconductor (TI) LM2575EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Connection Diagrams (XX indicates output voltage option. See Device Reference Information table for com-
plete part number.)
Straight Leads
5–Lead TO-22 (T)
Bent, Staggered Leads
5-Lead TO-220 (T)
20113222
Top View
See NS Package Number T05A
20113223
Top View
20113224
Side View
See NS Package Number T05D
16–Lead DIP (N)
24-Lead Surface Mount (M)
20113225
*No Internal Connection
Top ViewSee NS Package Number N16A
20113226
*No Internal Connection
Top View
See NS Package Number M24B
TO-263(S)
5-Lead Surface-Mount Package
20113229
Top View
20113230
Side View
See NS Package Number TS5B
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com