Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575EP Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575EP Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2575EP Datasheet HTML 1Page - National Semiconductor (TI) LM2575EP Datasheet HTML 2Page - National Semiconductor (TI) LM2575EP Datasheet HTML 3Page - National Semiconductor (TI) LM2575EP Datasheet HTML 4Page - National Semiconductor (TI) LM2575EP Datasheet HTML 5Page - National Semiconductor (TI) LM2575EP Datasheet HTML 6Page - National Semiconductor (TI) LM2575EP Datasheet HTML 7Page - National Semiconductor (TI) LM2575EP Datasheet HTML 8Page - National Semiconductor (TI) LM2575EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Device Reference Information
Package
NSC
Standard
High
Temperature
Type
Package
Voltage Rating
Voltage Rating
Range
Number
(40V)
(60V)
5-Lead TO-220
T05A
LM2575T-3.3EP
LM2575HVT-3.3EP
Straight Leads
LM2575T-5.0EP
LM2575HVT-5.0EP
LM2575T-12EP
LM2575HVT-12EP
LM2575T-15EP
LM2575HVT-15EP
LM2575T-ADJEP
LM2575HVT-ADJEP
5-Lead TO-220
T05D
LM2575T-3.3EP Flow LB03
LM2575HVT-3.3EP Flow LB03
Bent and
LM2575T-5.0EP Flow LB03
LM2575HVT-5.0EP Flow LB03
Staggered Leads
LM2575T-12EP Flow LB03
LM2575HVT-12EP Flow LB03
LM2575T-15EP Flow LB03
LM2575HVT-15EP Flow LB03
LM2575T-ADJEP Flow
LB03
LM2575HVT-ADJEP Flow LB03
16-Pin Molded
N16A
LM2575N-5.0EP
LM2575HVN-5.0EP
−40˚C
≤ T
J
≤ +125˚C
DIP
LM2575N-12EP
LM2575HVN-12EP
LM2575N-15EP
LM2575HVN-15EP
LM2575N-ADJEP
LM2575HVN-ADJEP
24-Pin
M24B
LM2575M-5.0EP
LM2575HVM-5.0EP
Surface Mount
LM2575M-12EP
LM2575HVM-12EP
LM2575M-15EP
LM2575HVM-15EP
LM2575M-ADJEP
LM2575HVM-ADJEP
5-Lead TO-263
TS5B
LM2575S-3.3EP
LM2575HVS-3.3EP
Surface Mount
LM2575S-5.0EP
LM2575HVS-5.0EP
LM2575S-12EP
LM2575HVS-12EP
LM2575S-15EP
LM2575HVS-15EP
LM2575S-ADJEP
LM2575HVS-ADJEP
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com