Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575EP Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575EP Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2575EP Datasheet HTML 1Page - National Semiconductor (TI) LM2575EP Datasheet HTML 2Page - National Semiconductor (TI) LM2575EP Datasheet HTML 3Page - National Semiconductor (TI) LM2575EP Datasheet HTML 4Page - National Semiconductor (TI) LM2575EP Datasheet HTML 5Page - National Semiconductor (TI) LM2575EP Datasheet HTML 6Page - National Semiconductor (TI) LM2575EP Datasheet HTML 7Page - National Semiconductor (TI) LM2575EP Datasheet HTML 8Page - National Semiconductor (TI) LM2575EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Supply Voltage
LM2575EP
45V
LM2575HVEP
63V
ON /OFF Pin Input Voltage
−0.3V
≤ V ≤ +V
IN
Output Voltage to Ground
(Steady State)
−1V
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Maximum Junction Temperature
150˚C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)2 kV
Lead Temperature
(Soldering, 10 sec.)
260˚C
Operating Ratings
Temperature Range
LM2575EP/LM2575HVEP
−40˚C
≤ T
J
≤ +125˚C
Supply Voltage
LM2575EP
40V
LM2575HVEP
60V
LM2575-3.3EP, LM2575HV-3.3EP
Electrical Characteristics (Note 16)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range .
Symbol
Parameter
Conditions
Typ
LM2575-3.3EP
Units
(Limits)
LM2575HV-3.3EP
Limit
(Note 5)
SYSTEM PARAMETERS (Note 6) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 12V, ILOAD = 0.2A
3.3
V
Circuit of Figure 2
3.234
V(Min)
3.366
V(Max)
V
OUT
Output Voltage
4.75V
≤ V
IN
≤ 40V, 0.2A ≤ I
LOAD
≤ 1A
3.3
V
LM2575EP
Circuit of Figure 2
3.168/3.135
V(Min)
3.432/3.465
V(Max)
V
OUT
Output Voltage
4.75V
≤ V
IN
≤ 60V, 0.2A ≤ I
LOAD
≤ 1A
3.3
V
LM2575HVEP
Circuit of Figure 2
3.168/3.135
V(Min)
3.450/3.482
V(Max)
η
Efficiency
V
IN = 12V, ILOAD =1A
75
%
LM2575-5.0EP, LM2575HV-5.0EP
Electrical Characteristics (Note 16)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.
Symbol
Parameter
Conditions
Typ
LM2575-5.0EP
Units
(Limits)
LM2575HV-5.0EP
Limit
(Note 5)
SYSTEM PARAMETERS (Note 6) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 12V, ILOAD = 0.2A
5.0
V
Circuit of Figure 2
4.900
V(Min)
5.100
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
5.0
V
LM2575EP
8V
≤ V
IN
≤ 40V
4.800/4.750
V(Min)
Circuit of Figure 2
5.200/5.250
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
5.0
V
LM2575HVEP
8V
≤ V
IN
≤ 60V
4.800/4.750
V(Min)
Circuit of Figure 2
5.225/5.275
V(Max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com