Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC103
Description  High-voltage, high-side current sense amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103 Datasheet(HTML) 1 Page - STMicroelectronics

  TSC103 Datasheet HTML 1Page - STMicroelectronics TSC103 Datasheet HTML 2Page - STMicroelectronics TSC103 Datasheet HTML 3Page - STMicroelectronics TSC103 Datasheet HTML 4Page - STMicroelectronics TSC103 Datasheet HTML 5Page - STMicroelectronics TSC103 Datasheet HTML 6Page - STMicroelectronics TSC103 Datasheet HTML 7Page - STMicroelectronics TSC103 Datasheet HTML 8Page - STMicroelectronics TSC103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
January 2010
Doc ID 16873 Rev 1
1/23
23
TSC103
High-voltage, high-side current sense amplifier
Features
Independent supply and input common-mode
voltages
Wide common-mode operating range:
2.9 to 70 V in single-supply configuration
-2.1 to 65 V in dual-supply configuration
Wide common-mode surviving range:
-16 to 75 V (reversed battery and load-dump
conditions)
Supply voltage range:
2.7 to 5.5 V in single-supply configuration
Low current consumption: ICC max = 360 µA
Pin selectable gain: 20 V/V, 25 V/V, 50 V/V or
100 V/V
Buffered output
Applications
Automotive current monitoring
DC motor control
Photovoltaic systems
Battery chargers
Precision current sources
Current monitoring of notebook computers
Uninterruptible power supplies
High-end power supplies
Description
The TSC103 measures a small differential voltage
on a high-side shunt resistor and translates it into
a ground-referenced output voltage. The gain is
adjustable to four different values from 20 V/V up
to 100 V/V by two selection pins.
Wide input common-mode voltage range, low
quiescent current, and tiny TSSOP8 packaging
enable use in a wide variety of applications.
The input common-mode and power-supply
voltages are independent. The common-mode
voltage can range from 2.9 to 70 V in the single-
supply configuration or be offset by an adjustable
voltage supplied on the Vcc- pin in the dual-
supply configuration.
With a current consumption lower than 360 µA
and a virtually null input leakage current in
standby mode, the power consumption in the
applications is minimized.
SO-8
(Plastic package)
TSSOP8
(Plastic package)
2
1
3
SEL2
Vm
SEL1
6
8
Gnd
Vp
4
Out
7 Vcc-
5 Vcc+
Pin connections
(top view)
www.st.com


Similar Part No. - TSC103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
TSC103ID STMICROELECTRONICS-TSC103ID Datasheet
972Kb / 25P
High-voltage, high-side current sense amplifier
31-Jan-2014
TSC103IDT STMICROELECTRONICS-TSC103IDT Datasheet
972Kb / 25P
High-voltage, high-side current sense amplifier
31-Jan-2014
TSC103IPT STMICROELECTRONICS-TSC103IPT Datasheet
972Kb / 25P
High-voltage, high-side current sense amplifier
31-Jan-2014
TSC103IYDT STMICROELECTRONICS-TSC103IYDT Datasheet
972Kb / 25P
High-voltage, high-side current sense amplifier
31-Jan-2014
More results

Similar Description - TSC103

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
High side current sense amplifier
05-Mar-2007
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
High side current sense amplifier
22-Oct-2007
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Linear Technology
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
High Voltage High-Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com