Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSC103
Description  High-voltage, high-side current sense amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSC103 Datasheet HTML 6Page - STMicroelectronics TSC103 Datasheet HTML 7Page - STMicroelectronics TSC103 Datasheet HTML 8Page - STMicroelectronics TSC103 Datasheet HTML 9Page - STMicroelectronics TSC103 Datasheet HTML 10Page - STMicroelectronics TSC103 Datasheet HTML 11Page - STMicroelectronics TSC103 Datasheet HTML 12Page - STMicroelectronics TSC103 Datasheet HTML 13Page - STMicroelectronics TSC103 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Parameter definitions
TSC103
10/23
Doc ID 16873 Rev 1
4
Parameter definitions
4.1
Common mode rejection ratio (CMR)
The common-mode rejection ratio (CMR) measures the ability of the current-sensing
amplifier to reject any DC voltage applied on both inputs Vp and Vm. The CMR is referred
back to the input so that its effect can be compared with the applied differential signal. The
CMR is defined by the formula:
4.2
Supply voltage rejection ratio (SVR)
The supply-voltage rejection ratio (SVR) measures the ability of the current-sensing
amplifier to reject any variation of the supply voltage VCC. The SVR is referred back to the
input so that its effect can be compared with the applied differential signal. The SVR is
defined by the formula:
4.3
Gain (Av) and input offset voltage (Vos)
The input offset voltage is defined as the intersection between the linear regression of the
Vout vs. Vsense curve with the X-axis (see Figure 4). If Vout1 is the output voltage with
Vsense =Vsense1 and Vout2 is the output voltage with Vsense =Vsense2, then Vos can be
calculated with the following formula.
CMR
20
–
ΔV
out
ΔV
icm
Av
⋅
------------------------------
log
⋅
=
SVR
20
–
ΔV
out
ΔV
CC
Av
⋅
------------------------------
log
⋅
=
V
os
V
sense1
V
sense1
V
sense2
–
V
out1
V
out2
–
------------------------------------------------
V
out1
⋅
⎝⎠
⎛⎞
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com