Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSC103
Description  High-voltage, high-side current sense amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSC103 Datasheet HTML 12Page - STMicroelectronics TSC103 Datasheet HTML 13Page - STMicroelectronics TSC103 Datasheet HTML 14Page - STMicroelectronics TSC103 Datasheet HTML 15Page - STMicroelectronics TSC103 Datasheet HTML 16Page - STMicroelectronics TSC103 Datasheet HTML 17Page - STMicroelectronics TSC103 Datasheet HTML 18Page - STMicroelectronics TSC103 Datasheet HTML 19Page - STMicroelectronics TSC103 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Application information
TSC103
16/23
Doc ID 16873 Rev 1
6
Application information
The TSC103 can be used to measure current and to feed back the information to a
microcontroller.
Figure 9.
Single-supply configuration schematic
The current from the supply flows to the load through the Rsense resistor causing a voltage
drop equal to Vsense across Rsense. The amplifier’s input currents are negligible, therefore its
inverting input voltage is equal to Vm. The amplifier's open-loop gain forces its non-inverting
input to the same voltage as the inverting input. As a consequence, the amplifier adjusts
current flowing through Rg1 so that the voltage drop across Rg1 matches Vsense exactly.
Therefore, the drop across Rg1 is:
VRg1 =Vsense =Rsense.Iload
If IRg1 is the current flowing through Rg1, then IRg1 is given by the formula:
IRg1 =Vsense/Rg1
The IRg1 current flows entirely into resistor Rg3 (the input bias current of the buffer is
negligible). Therefore, the voltage drop on the Rg3 resistor can be calculated as follows.
VRg3 =Rg3.IRg1 =(Rg3/Rg1).Vsense
Since the voltage across the Rg3 resistor is buffered to the Out pin, Vout can be expressed
as:
Vout =(Rg3/Rg1).Vsense
or:
Vout =(Rg3/Rg1).Rsense.Iload
5 V
Vsense
Vout
Iload
Rsense
µ Controller
ADC
Gnd
Vcc
GPIO1
GPIO2
Vp
Vm
Vcc+
TSC103
Out
Gnd
SEL1
SEL2
Vcc-
Common-mode voltage: 2.9 V to 70 V
AM04517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com