Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSC103
Description  High-voltage, high-side current sense amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSC103 Datasheet HTML 15Page - STMicroelectronics TSC103 Datasheet HTML 16Page - STMicroelectronics TSC103 Datasheet HTML 17Page - STMicroelectronics TSC103 Datasheet HTML 18Page - STMicroelectronics TSC103 Datasheet HTML 19Page - STMicroelectronics TSC103 Datasheet HTML 20Page - STMicroelectronics TSC103 Datasheet HTML 21Page - STMicroelectronics TSC103 Datasheet HTML 22Page - STMicroelectronics TSC103 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TSC103
Ordering information
Doc ID 16873 Rev 1
21/23
8
Ordering information
Table 12.
Order codes
Part number
Temperature range
Package
Packaging
Marking
TSC103IPT
-40° C, +125° C
TSSOP8
Tape & reel
103I
TSC103IDT
SO-8
Tape & reel
TSC103I
TSC103IYPT(1)
-40° C, +125° C
Automotive grade
TSSOP8
Tape & reel
103Y
TSC103IYDT
SO-8
Tape & reel
TSC103Y
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q002 or equivalent are on-going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com