Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX823 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APX823
Description  PROCESSOR SUPERVISORY CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX823 Datasheet(HTML) 5 Page - Diodes Incorporated

  APX823 Datasheet HTML 1Page - Diodes Incorporated APX823 Datasheet HTML 2Page - Diodes Incorporated APX823 Datasheet HTML 3Page - Diodes Incorporated APX823 Datasheet HTML 4Page - Diodes Incorporated APX823 Datasheet HTML 5Page - Diodes Incorporated APX823 Datasheet HTML 6Page - Diodes Incorporated APX823 Datasheet HTML 7Page - Diodes Incorporated APX823 Datasheet HTML 8Page - Diodes Incorporated APX823 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
APX823/APX824/APX825A
PROCESSOR SUPERVISORY CIRCUITS
APX823/APX824/APX825A Rev. 3
5 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Continued)
(Over recommended operating ambient temperature range, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VTH-
Negative-going
Input Threshold
Voltage
(see Note 4)
APX823/APX824/APX825A -23
TA = 0
oC -85oC
2.21
2.25
2.30
V
APX823/APX824/APX825A -26
2.59
2.63
2.69
APX823/APX824/APX825A -29
2.88
2.93
3.00
APX823/APX824/APX825A -31
3.02
3.08
3.15
APX823/APX824/APX825A -40
3.93
4.00
4.08
APX823/APX824/APX825A -44
4.31
4.38
4.47
APX823/APX824/APX825A -46
4.56
4.63
4.72
APX823/APX824/APX825A -23
TA= -40
oC -85oC
2.20
2.25
2.30
V
APX823/APX824/APX825A -26
2.57
2.63
2.69
APX823/APX824/APX825A -29
2.86
2.93
3.00
APX823/APX824/APX825A -31
3.00
3.08
3.15
APX823/APX824/APX825A -40
3.92
4.00
4.08
APX823/APX824/APX825A -44
4.29
4.38
4.47
APX823/APX824/APX825A -46
4.54
4.63
4.72
Vhys
Hysteresis at
VCC Input
APX823/APX824/APX825A -23
-
50
-
mV
APX823/APX824/APX825A -26
APX823/APX824/APX825A -29
APX823/APX824/APX825A -31
APX823/APX824/APX825A -40
-
50
-
APX823/APX824/APX825A -44
APX823/APX824/APX825A -46
TS
Set-up Time
VCC = VTH to (VTH – 100mV)
20
μs
IIH(AV)
Average
High-level Input
Current
WDI
WDI=VCC,
Time average
(dc=88%)
-
120
-
μA
IIL(AV)
Average
Low-level Input
Current
WDI=0.3V,
VCC=5.5V time
average
(dc=12%)
-
-15
-
μA
IIH
High-level Input
Current
WDI
WDI=VCC
-
120
160
μA
IIL
Low-level Input
Current
WDI
WDI=0.3V,
VCC=5.5V
-
120
160
μA
ICC
Supply Current
WDI and MR
Unconnected, Outputs
unconnected
VCC =
VTH-+0.2V
-
30
40
μA
Internal Pull-up Resistor at MR
-
60
-
k
Ω
TC
VOUT Temperature Coefficient
50
-
ppm/
oC
Ci
Input Capacitance at MR , WDI
VI = 0V to 5.5V
-
5
-
pF
θ
JA
Thermal Resistance Junction-to-Ambient
SOT25
(Note 6)
161
oC/W
SOT26
(Note 6)
169
θ
JC
Thermal Resistance Junction-to-Case
SOT25
(Note 6)
27
oC/W
SOT26
(Note 6)
28
Notes:
4. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
μF) should be placed near the supply terminals.
5. The
RESET short-circuit current is the maximum pull-up current when RESET is driven low by a P bidirectional reset pin.
6. Test condition for SOT25 and SOT26: Devices mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com