Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX823 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APX823
Description  PROCESSOR SUPERVISORY CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX823 Datasheet(HTML) 3 Page - Diodes Incorporated

  APX823 Datasheet HTML 1Page - Diodes Incorporated APX823 Datasheet HTML 2Page - Diodes Incorporated APX823 Datasheet HTML 3Page - Diodes Incorporated APX823 Datasheet HTML 4Page - Diodes Incorporated APX823 Datasheet HTML 5Page - Diodes Incorporated APX823 Datasheet HTML 6Page - Diodes Incorporated APX823 Datasheet HTML 7Page - Diodes Incorporated APX823 Datasheet HTML 8Page - Diodes Incorporated APX823 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
APX823/APX824/APX825A
PROCESSOR SUPERVISORY CIRCUITS
APX823/APX824/APX825A Rev. 3
3 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
(Over operating ambient temperature range, unless otherwise noted)*
Symbol
Parameter
Rating
Unit
ESD HBM Human Body Model ESD Protection
5
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage
6.0
V
VRESET
RESET, RESET , MR , WDI
-0.3 to (VCC+0.3)
V
ICC
Input Current VCC
20
mA
IO
Maximum High Output Current
20
mA
PD
Continuous Total Power
Dissipation
Derating Factor Above
TA = 25
oC
SOT25
6.2
mW/°C
SOT26
5.8
TA = 25
oC Power Rating
SOT25
500
mW
SOT26
470
TA = 70
oC Power Rating
SOT25
220
mW
SOT26
210
TA = 85
oC Power Rating
SOT25
125
mW
SOT26
120
TOP
Operating Junction Temperature Range
-40 to 105
°C
TST
Storage Temperature Range-65 to 150
°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
Pin Descriptions
Pin Name
Description
GND
Ground
RESET
(RESET)
Reset output pin
VCC
Operating voltage input
WDI
Watchdog input
MR
Manual reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com