Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX823 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # APX823
Description  PROCESSOR SUPERVISORY CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX823 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button APX823 Datasheet HTML 4Page - Diodes Incorporated APX823 Datasheet HTML 5Page - Diodes Incorporated APX823 Datasheet HTML 6Page - Diodes Incorporated APX823 Datasheet HTML 7Page - Diodes Incorporated APX823 Datasheet HTML 8Page - Diodes Incorporated APX823 Datasheet HTML 9Page - Diodes Incorporated APX823 Datasheet HTML 10Page - Diodes Incorporated APX823 Datasheet HTML 11Page - Diodes Incorporated APX823 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
APX823/APX824/APX825A
PROCESSOR SUPERVISORY CIRCUITS
APX823/APX824/APX825A Rev. 3
9 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Characteristics
RESET Timeout Period vs. Temperature
150
160
170
180
190
200
210
220
230
240
250
-40℃
-25℃
0℃
25℃
50℃
85℃
105℃ 125℃
Temperature
RESET Threshold Voltage vs. Temperature
2.8
2.85
2.9
2.95
3
3.05
3.1
3.15
3.2
-40℃ -25℃
0℃
25℃
50℃
85℃ 105℃ 125℃
Temperature
Vcc Supply Current vs. Temperature
(Vcc=3.3V
Vth=2.93V)
25
26
27
28
29
30
31
32
33
34
35
-40℃
-25℃
0℃
25℃
50℃
85℃
105℃ 125℃
Temperature
Supply Curreny vs. Vcc
0
5
10
15
20
25
30
35
40
1.5V
2.5V
3.3V
4.0V
5.0V
5.5V
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com