Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX823 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APX823
Description  PROCESSOR SUPERVISORY CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX823 Datasheet(HTML) 1 Page - Diodes Incorporated

  APX823 Datasheet HTML 1Page - Diodes Incorporated APX823 Datasheet HTML 2Page - Diodes Incorporated APX823 Datasheet HTML 3Page - Diodes Incorporated APX823 Datasheet HTML 4Page - Diodes Incorporated APX823 Datasheet HTML 5Page - Diodes Incorporated APX823 Datasheet HTML 6Page - Diodes Incorporated APX823 Datasheet HTML 7Page - Diodes Incorporated APX823 Datasheet HTML 8Page - Diodes Incorporated APX823 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
APX823/APX824/APX825A
PROCESSOR SUPERVISORY CIRCUITS
APX823/APX824/APX825A Rev. 3
1 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
Power-on reset generator with fixed delay time of 200ms Typ
•
Manual reset input (APX823/APX825A)
•
Reset output available in active-Low (APX823/APX824/APX825A), active-high (APX824/APX825A)
•
Supply voltage supervision range 2.5V, 3V, 3.3V, 5V
•
Watchdog timer
•
Supply current of 30
μA (Typ.)
•
Temperature range: -40°C to 85°C
•
SOT25 and SOT26: Available in “Green” Molding Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The APX823/APX824/APX825A family of supervisors provides circuit initialization and timing supervision, primarily for DSP and
processor-based systems.
During power-on,
RESET is asserted when supply voltage VCC becomes higher than 1.1V. Thereafter, the supply voltage supervisor
monitors VCC and keeps
RESET active as long as VCC remains below the threshold voltage VTH-. An internal timer delays the return of
the output to the inactive state (high) to ensure proper system reset. The delay time ,td, starts after VCC has risen above the threshold
voltage VTH-. When the supply voltage drops below the threshold voltage VTH-, the output becomes active (low) again. No external
components are required. All the devices of this family have a fixed-sense threshold voltage VTH- set by an internal voltage divider.
The APX823/APX825A devices incorporate a manual reset input,
MR . A low level at MR causes RESET to become active. The
APX824/APX825A devices include a high-level output RESET. APX823/APX824/APX825A have a watchdog timer that is periodically
triggered by a positive or negative transition at WDI. When the supervising system fails to retrigger the watchdog circuit within the
time-out interval, ttout,
RESET becomes active for the time period td. This event also reinitializes the watchdog timer. Leaving WDI
unconnected disables the watchdog.
In applications where the input to the WDI pin may be active (transitioning high and low) when the APX823/APX824/APX825A asserting
RESET , the APX823/APX824/APX825A does not return to a non-reset state when the input voltage is above Vt.
The product spectrum is designed for supply voltage of 2.5V, 3V, 3.3V and 5V. The circuits are available in a SOT25 and SOT26
packages. The APX823/APX824/APX825A devices are characterized for operation over a temperature range of -40
oC to 105oC.
•
Applications Using DSPs, Microcontrollers, or Microprocessors
•
Industrial Equipment
•
Programmable Controls
•
Automotive Systems
•
Portable/Battery-Powered Equipment
•
Intelligent Instruments
•
Wireless Communications Systems
•
Notebook/Desktop Computers
Features
General Description
Applications


Similar Part No. - APX823

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803-23SA DIODES-APX803-23SA Datasheet
113Kb / 11P
er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SAG-7 DIODES-APX803-23SAG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
APX803-23SR DIODES-APX803-23SR Datasheet
113Kb / 11P
er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SRG-7 DIODES-APX803-23SRG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
More results

Similar Description - APX823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
PROCESSOR SUPERVISORY CIRCUITS
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
PROCESSOR SUPERVISORY CIRCUITS
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
Processor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com