Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 25Page - Texas Instruments ADS1178IPAPR Datasheet HTML 26Page - Texas Instruments ADS1178IPAPR Datasheet HTML 27Page - Texas Instruments ADS1178IPAPR Datasheet HTML 28Page - Texas Instruments ADS1178IPAPR Datasheet HTML 29Page - Texas Instruments ADS1178IPAPR Datasheet HTML 30Page - Texas Instruments ADS1178IPAPR Datasheet HTML 31Page - Texas Instruments ADS1178IPAPR Datasheet HTML 32Page - Texas Instruments ADS1178IPAPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
PowerPAD PCB Layout Considerations for the
Additional PowerPAD Package Information
13mils(0.33mm)
Package
ThermalPad
Component
Traces
ThermalVia
Component(top)Side
GroundPlane
PowerPlane
Solder(bottom)Side
ThermalIsolation
(powerplaneonly)
Package
ThermalPad
(bottomtrace)
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
The via connections to the thermal pad and internal
ADS1174/78
ground plane should be plated completely around the
hole, as opposed to the typical web or spoke thermal
Figure 30 shows the recommended layer structure for
relief connection. Plating entirely around the thermal
thermal
management
when
using
a
PowerPad
via provides the most efficient thermal connection to
package on a 4-layer PCB design. Note that the
the ground plane.
thermal pad is placed on both the top and bottom
sides of the board. The ground plane is used as the
heat-sink, while the power plane is thermally isolated
from the thermal vias.
Texas
Instruments
publishes
the
PowerPAD
Thermally-Enhanced Package Application Report (TI
Figure 31 shows the required thermal pad etch
literature number SLMA002), available for download
pattern for the 64-lead HTQFP package used for the
at www.ti.com, which provides a more detailed
ADS1174/78. Nine 13mil (0.33mm) thermal vias
discussion
of
PowerPAD
design
and
layout
plated with one ounce of copper are placed within the
considerations. Before attempting a board layout with
thermal pad area for the purpose of connecting the
the
ADS1174/78,
it
is
recommended
that
the
pad to the ground plane layer. The ground plane is
hardware engineer and/or layout designer be familiar
used as a heatsink in this application. It is very
with the information contained in this document.
important that the thermal via diameter be no larger
than 13mils in order to avoid solder wicking during
the reflow process. Solder wicking results in thermal
voids that reduce heat dissipation efficiency and
hamper heat flow away from the IC die.
Figure 30. Recommended PCB Structure for a 4-Layer Board
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com