Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 7Page - Texas Instruments ADS1178IPAPR Datasheet HTML 8Page - Texas Instruments ADS1178IPAPR Datasheet HTML 9Page - Texas Instruments ADS1178IPAPR Datasheet HTML 10Page - Texas Instruments ADS1178IPAPR Datasheet HTML 11Page - Texas Instruments ADS1178IPAPR Datasheet HTML 12Page - Texas Instruments ADS1178IPAPR Datasheet HTML 13Page - Texas Instruments ADS1178IPAPR Datasheet HTML 14Page - Texas Instruments ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
PHASE RESPONSE
SETTLING TIME
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
NormalizedInputFrequency(f /f
IN
T
DA A)
0.45
0.47
0.49
0.51
0.53
0.55
20
0
-20
-40
-60
-80
-100
-120
-140
-160
InputFrequency(f /f
IN DATA)
0
16
32
48
64
100
0
Conversions(1/f
DATA)
0
20
10
40
30
60
50
80
70
FullySettledData
at76Conversions
InitialValue
FinalValue
ANALOG INPUTS (AINP, AINN)
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
The ADS1174/78 incorporates a multiple stage, linear
phase
digital
filter.
Linear
phase
filters
exhibit
constant delay time versus input frequency (constant
group delay), which means the time delay from any
instant of the input signal to the same instant of the
output data is constant, and is independent of input
signal frequency. This behavior results in essentially
zero phase errors when analyzing multi-tone signals.
As with frequency and phase response, the digital
filter also determines settling time. Figure 6 shows
the output settling behavior after a step change on
the analog inputs normalized to conversion periods.
Figure 4. Transition Band Response
The X-axis is given in units of conversion. Note that
after the step change on the input occurs, the output
data change very little prior to 30 conversion periods.
The output data are fully settled after 76 conversion
periods.
Figure 5. Frequency Response Out to fMOD
These image frequencies, if present in the signal and
Figure 6. Step Response
not externally filtered, fold back (or alias) into the
passband, causing errors. Table 2 lists the degree of
image rejection versus external antialiasing filter
order. The stop band of the ADS1174/78 provides
100dB attenuation of frequencies that begin just
The ADS1174/78 measures each differential input
beyond the passband and continue out to fMOD.
signal VIN = (AINP – AINN) against the common
Placing an antialiasing, low-pass filter in front of the
differential reference VREF = (VREFP – VREFN). The
ADS1174/78 inputs is recommended to limit possible
most positive measurable differential input is +VREF,
high-amplitude, out-of-band signals and noise.
which produces the most positive digital output code
of 7FFFh. Likewise, the most negative measurable
Table 2. Antialiasing Filter Order Image Rejection
differential input is –VREF, which produces the most
negative digital output code of 8000h.
ANTIALIASING FILTER
IMAGE REJECTION (dB)
ORDER
(f–3dB at fDATA)
For optimal performance, drive the ADS1174/78
1
39
inputs
differentially.
For
single-ended
input
2
75
applications, one of the inputs (AINP or AINN) can be
3
111
driven while the other input is fixed (typically, to
AGND or +2.5V); fixing the input to +2.5V permits
bipolar operation, thereby using the full range of the
converter.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com