Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 4Page - Texas Instruments ADS1178IPAPR Datasheet HTML 5Page - Texas Instruments ADS1178IPAPR Datasheet HTML 6Page - Texas Instruments ADS1178IPAPR Datasheet HTML 7Page - Texas Instruments ADS1178IPAPR Datasheet HTML 8Page - Texas Instruments ADS1178IPAPR Datasheet HTML 9Page - Texas Instruments ADS1178IPAPR Datasheet HTML 10Page - Texas Instruments ADS1178IPAPR Datasheet HTML 11Page - Texas Instruments ADS1178IPAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
SCLK
FSYNC
DOUT
DIN
t
DOHD
t
FPW
t
SCLK
t
SF
t
SPW
t
SPW
t
FRAME
t
FPW
t
FS
t
DIHD
t
MSBPD
t
DIST
Bit15(MSB)
Bit14
Bit13
t
DOPD
CLK
t
CPW
t
CPW
t
CS
t
CLK
TIMING REQUIREMENTS: FRAME-SYNC FORMAT
ADS1174
ADS1178
SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
TIMING CHARACTERISTICS: FRAME-SYNC FORMAT
For TA = –40°C to +105°C, IOVDD = 1.65V to 3.6V, and DVDD = 1.65V to 1.95V.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
37
10,000
ns
tCPW
CLK positive or negative pulse width
12
ns
tCS
Falling edge of CLK to falling edge of SCLK
–0.25
0.25
tCLK
tFRAME
Frame period (1/fDATA)
(1)
256
2560
tCLK
tFPW
FSYNC positive or negative pulse width
1
tSCLK
tFS
Rising edge of FSYNC to rising edge of SCLK
5
ns
tSF
Rising edge of SCLK to rising edge of FSYNC
5
ns
tSCLK
SCLK period(2)
1
tCLK
tSPW
SCLK positive or negative pulse width
0.4
tCLK
tDOHD
(3) (4)
SCLK falling edge to old DOUT invalid (hold time)
10
ns
tDOPD
(4)
SCLK falling edge to new DOUT valid (propagation delay)
31
ns
tMSBPD
FSYNC rising edge to DOUT MSB valid (propagation delay)
31
ns
tDIST
New DIN valid to falling edge of SCLK (setup time)
6
ns
tDIHD
(3)
Old DIN valid to falling edge of SCLK (hold time)
6
ns
(1)
Depends on MODE[1:0] and CLKDIV selection. See Table 4 (fCLK/fDATA).
(2)
SCLK must be continuously running and limited to ratios of 1, 1/2, 1/4, and 1/8 of fCLK.
(3)
tDOHD (DOUT hold time) and tDIHD (DIN hold time) are specified under opposite worst-case conditions (digital supply voltage and
ambient temperature). Under equal conditions, with DOUT connected directly to DIN, the timing margin is >4ns.
(4)
Load on DOUT = 20pF.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com