Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 2Page - Texas Instruments ADS1178IPAPR Datasheet HTML 3Page - Texas Instruments ADS1178IPAPR Datasheet HTML 4Page - Texas Instruments ADS1178IPAPR Datasheet HTML 5Page - Texas Instruments ADS1178IPAPR Datasheet HTML 6Page - Texas Instruments ADS1178IPAPR Datasheet HTML 7Page - Texas Instruments ADS1178IPAPR Datasheet HTML 8Page - Texas Instruments ADS1178IPAPR Datasheet HTML 9Page - Texas Instruments ADS1178IPAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ADS1174
ADS1178
SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
ADS1174/ADS1178 PIN DESCRIPTIONS (continued)
PIN
NAME
NO.
FUNCTION
DESCRIPTION
AINN1
4
Analog input
AINN2
2
Analog input
AINN3
64
Analog input
ADS1178:
AINN[8:1] Negative analog input, channels 8 through 1.
AINN4
62
Analog input
AINN5
52
Analog input
ADS1174:
AINN[8:5] Connected to internal ESD rails. The inputs may float.
AINN[4:1] Negative analog input, channels 4 through 1.
AINN6
50
Analog input
AINN7
48
Analog input
AINN8
46
Analog input
AVDD
5, 44, 53, 60
Analog power supply
Analog power supply (4.75V to 5.25V).
VCOM
55
Analog output
AVDD/2 Unbuffered analog output.
VREFN
57
Analog input
Negative reference input.
VREFP
56
Analog input
Positive reference input.
CLK
27
Digital input
Master clock input (maximum 27MHz).
CLK input divider control:
1 = 27MHz
CLKDIV
10
Digital input
0 = 13.5MHz (high-speed) / 5.4MHz (low-power)
DGND
7, 21, 24, 25
Digital ground
Digital ground power supply.
DIN
12
Digital input
Daisy-chain data input.
DOUT1
20
Digital output
DOUT1 is TDM data output (TDM mode).
DOUT2
19
Digital output
DOUT3
18
Digital output
ADS1178:
DOUT[8:1] Data output for channels 8 through 1.
DOUT4
17
Digital output
DOUT5
16
Digital output
ADS1174:
DOUT[8:5] Internally connected to active circuitry; outputs are driven.
DOUT[4:1] Data output for channels 4 through 1.
DOUT6
15
Digital output
DOUT7
14
Digital output
DOUT8
13
Digital output
DRDY/
29
Digital input/output
Frame-Sync protocol: frame clock input; SPI protocol: data ready output.
FSYNC
DVDD
26
Digital power supply
Digital core power supply (+1.65V to +1.95V).
FORMAT0
32
Digital input
FORMAT[2:0] Selects between Frame-Sync/SPI protocol, TDM/discrete data
FORMAT1
31
Digital input
outputs, fixed/dynamic position TDM data, and modulator mode/normal operating
mode.
FORMAT2
30
Digital input
IOVDD
22, 23
Digital power supply
I/O power supply (+1.65V to +3.6V).
MODE:
0 = High-Speed mode
MODE
34
Digital input
1 = Low-Power mode.
NC
33
—
Internally connected to IOVDD (connect to IOVDD or leave open).
PWDN1
42
Digital input
PWDN2
41
Digital input
PWDN3
40
Digital input
ADS1178:
PWDN[8:1] Power-down control for channels 8 through 1.
PWDN4
39
Digital input
PWDN5
38
Digital input
ADS1174:
PWDN[8:5] must = 0V.
PWDN[4:1] Power-down control for channels 4 through 1.
PWDN6
37
Digital input
PWDN7
36
Digital input
PWDN8
35
Digital input
SCLK
28
Digital input
Serial clock input.
SYNC
11
Digital input
Synchronize input (all channels).
TEST0
8
Digital input
TEST[1:0] Test mode select:
00 = normal operation
11 = test mode
TEST1
9
Digital input
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com