Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F8723E/PTSQTP Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC18F8723E/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723E/PTSQTP Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC18F8723E/PTSQTP Datasheet HTML 22Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 23Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 24Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 25Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 26Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 27Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 28Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 29Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
PIC18F8723 FAMILY
DS39894A-page 24
Preliminary
© 2007 Microchip Technology Inc.
PORTE is a bidirectional I/O port.
RE0/AD8/RD/P2D
RE0
AD8
RD
P2D
4
I/O
I/O
I
O
ST
TTL
TTL
—
Digital I/O.
External memory address/data 8.
Read control for Parallel Slave Port.
ECCP2 PWM output D.
RE1/AD9/WR/P2C
RE1
AD9
WR
P2C
3
I/O
I/O
I
O
ST
TTL
TTL
—
Digital I/O.
External memory address/data 9.
Write control for Parallel Slave Port.
ECCP2 PWM output C.
RE2/AD10/CS/P2B
RE2
AD10
CS
P2B
78
I/O
I/O
I
O
ST
TTL
TTL
—
Digital I/O.
External memory address/data 10.
Chip select control for Parallel Slave Port.
ECCP2 PWM output B.
RE3/AD11/P3C
RE3
AD11
P3C(4)
77
I/O
I/O
O
ST
TTL
—
Digital I/O.
External memory address/data 11.
ECCP3 PWM output C.
RE4/AD12/P3B
RE4
AD12
P3B(4)
76
I/O
I/O
O
ST
TTL
—
Digital I/O.
External memory address/data 12.
ECCP3 PWM output B.
RE5/AD13/P1C
RE5
AD13
P1C(4)
75
I/O
I/O
O
ST
TTL
—
Digital I/O.
External memory address/data 13.
ECCP1 PWM output C.
RE6/AD14/P1B
RE6
AD14
P1B(4)
74
I/O
I/O
O
ST
TTL
—
Digital I/O.
External memory address/data 14.
ECCP1 PWM output B.
RE7/AD15/ECCP2/
P2A
RE7
AD15
ECCP2(3)
P2A(3)
73
I/O
I/O
I/O
O
ST
TTL
ST
—
Digital I/O.
External memory address/data 15.
Enhanced Capture 2 input/Compare 2 output/
PWM2 output.
ECCP2 PWM output A.
TABLE 1-3:
PIC18F8628/8723 (80-PIN) PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog
= Analog input
I
= Input
O
= Output
P= Power
I2C™/SMB = I2C/SMBus input buffer
Note 1: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared (all operating modes except
Microcontroller mode).
2: Default assignment for ECCP2 in all operating modes (CCP2MX is set).
3: Alternate assignment for ECCP2 when CCP2MX is cleared (Microcontroller mode only).
4: Default assignment for P1B/P1C/P3B/P3C (ECCPMX is set).
5: Alternate assignment for P1B/P1C/P3B/P3C (ECCPMX is clear).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com