Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F8723E/PTSQTP Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC18F8723E/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723E/PTSQTP Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC18F8723E/PTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 15Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 16Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 17Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 18Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 19Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 20Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 21Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
PIC18F8723 FAMILY
DS39894A-page 16
Preliminary
© 2007 Microchip Technology Inc.
PORTE is a bidirectional I/O port.
RE0/RD/P2D
RE0
RD
P2D
2
I/O
I
O
ST
TTL
—
Digital I/O.
Read control for Parallel Slave Port.
ECCP2 PWM output D.
RE1/WR/P2C
RE1
WR
P2C
1
I/O
I
O
ST
TTL
—
Digital I/O.
Write control for Parallel Slave Port.
ECCP2 PWM output C.
RE2/CS/P2B
RE2
CS
P2B
64
I/O
I
O
ST
TTL
—
Digital I/O.
Chip select control for Parallel Slave Port.
ECCP2 PWM output B.
RE3/P3C
RE3
P3C
63
I/O
O
ST
—
Digital I/O.
ECCP3 PWM output C.
RE4/P3B
RE4
P3B
62
I/O
O
ST
—
Digital I/O.
ECCP3 PWM output B.
RE5/P1C
RE5
P1C
61
I/O
O
ST
—
Digital I/O.
ECCP1 PWM output C.
RE6/P1B
RE6
P1B
60
I/O
O
ST
—
Digital I/O.
ECCP1 PWM output B.
RE7/ECCP2/P2A
RE7
ECCP2(2)
P2A(2)
59
I/O
I/O
O
ST
ST
—
Digital I/O.
Enhanced Capture 2 input/Compare 2 output/
PWM2 output.
ECCP2 PWM output A.
TABLE 1-2:
PIC18F6628/6723 (64-PIN) PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P= Power
I2C™
= I2C/SMBus input buffer
Note 1: Default assignment for ECCP2 when Configuration bit, CCP2MX, is set.
2: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com