Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F8723E/PTSQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC18F8723E/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723E/PTSQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC18F8723E/PTSQTP Datasheet HTML 28Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 29Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 30Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 31Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 32Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 33Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 34Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 35Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
PIC18F8723 FAMILY
DS39894A-page 30
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 2-2:
ADCON1: A/D CONTROL REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
VCFG1:VCFG0: Voltage Reference Configuration bits
bit 3-0
PCFG3:PCFG0: A/D Port Configuration Control bits:
A/D VREF+
A/D VREF-
00
AVDD
AVSS
01
External VREF+AVSS
10
AVDD
External VREF-
11
External VREF+
External VREF-
A = Analog input
D = Digital I/O
Note 1:
AN15 through AN12 are available only on PIC18F8628/8723 devices.
PCFG<3:0>
0000
A
A
A
A
AA
A
AAAA
A
A
A
A
A
0001
D
D
A
A
AA
A
AAAA
A
A
A
A
A
0010
D
D
D
A
AA
A
AAAA
A
A
A
A
A
0011
D
D
D
D
AA
A
AAAA
A
A
A
A
A
0100
D
D
D
D
D
A
A
AAAA
A
A
A
A
A
0101
D
D
D
D
D
D
A
AAAA
A
A
A
A
A
0110
D
D
D
D
D
D
D
AAAA
A
A
A
A
A
0111
D
D
D
D
D
DDD
A
A
A
A
A
A
A
A
1000
D
D
D
D
D
D
D
D
D
A
AA
A
A
AA
1001
D
D
D
D
DD
D
DDD
A
A
A
A
A
A
1010
D
D
D
D
DD
D
DDDD
A
A
A
A
A
1011
D
D
D
D
DD
D
DDDD
D
A
A
A
A
1100
D
D
D
D
DD
D
DDDD
D
D
A
A
A
1101
D
D
D
D
DD
D
DDDD
D
D
D
A
A
1110
D
D
D
D
DD
D
DDDD
D
D
D
D
A
1111
D
D
D
D
DD
D
DDDD
D
D
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com