Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F8723E/PTSQTP Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC18F8723E/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723E/PTSQTP Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC18F8723E/PTSQTP Datasheet HTML 42Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 43Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 44Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 45Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 46Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 47Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 48Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 49Page - Microchip Technology PIC18F8723E/PTSQTP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
PIC18F8723 FAMILY
DS39894A-page 44
Preliminary
© 2007 Microchip Technology Inc.
TABLE 4-1:
A/D CONVERTER CHARACTERISTICS: PIC18F8723 FAMILY (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
A01
NR
Resolution
—
—
12
bit
ΔVREF ≥ 3.0V
A03
EIL
Integral Linearity Error
—
<±1
±2.0
LSB
VDD = 3.0V
ΔVREF ≥ 3.0V
——
±2.0
LSB
VDD = 5.0V
A04
EDL
Differential Linearity Error
—
<±1
+1.5/-1.0
LSB
VDD = 3.0V
ΔVREF ≥ 3.0V
——
+1.5/-1.0
LSB
VDD = 5.0V
A06
EOFF
Offset Error
—
<±1
±5
LSB
VDD = 3.0V
ΔVREF ≥ 3.0V
——
±3
LSB
VDD = 5.0V
A07
EGN
Gain Error
—
<±1
±1.25
LSB
VDD = 3.0V
ΔVREF ≥ 3.0V
——
±2.00
LSB
VDD = 5.0V
A10
—
Monotonicity
Guaranteed(1)
—VSS
≤ VAIN ≤ VREF
A20
ΔVREF Reference Voltage Range
(VREFH – VREFL)
3—
VDD – VSS
V
For 12-bit resolution
A21
VREFH Reference Voltage High
VSS + 3.0V
—
VDD + 0.3V
V
For 12-bit resolution
A22
VREFL Reference Voltage Low
VSS – 0.3V
—
VDD – 3.0V
V
For 12-bit resolution
A25
VAIN
Analog Input Voltage
VREFL
—VREFH
V
A30
ZAIN
Recommended
Impedance of Analog
Voltage Source
——
2.5
k
Ω
A50
IREF
VREF Input Current(2)
—
—
—
—
5
150
μA
μA
During VAIN acquisition.
During A/D conversion
cycle.
Note 1:
The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
2:
VREFH current is from the RA3/AN3/VREF+ pin or VDD, whichever is selected as the VREFH source. VREFL current is from
the RA2/AN2/VREF-/CVREF pin or VSS, whichever is selected as the VREFL source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com