Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9843 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP9843
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9843 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP9843 Datasheet HTML 38Page - Microchip Technology MCP9843 Datasheet HTML 39Page - Microchip Technology MCP9843 Datasheet HTML 40Page - Microchip Technology MCP9843 Datasheet HTML 41Page - Microchip Technology MCP9843 Datasheet HTML 42Page - Microchip Technology MCP9843 Datasheet HTML 43Page - Microchip Technology MCP9843 Datasheet HTML 44Page - Microchip Technology MCP9843 Datasheet HTML 45Page - Microchip Technology MCP9843 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
MCP9843/98243
DS22153C-page 42
© 2009 Microchip Technology Inc.
5.3.4.3
Sequential Read
Sequential reads are initiated in the same way as a
random read, with the exception that after the
MCP98243 transmits the first data byte, the master
issues an acknowledge, as opposed to a stop condition
in a random read. This directs the MCP98243 to
transmit the next sequentially addressed 8-bit word
(Figure 5-20).
To provide sequential reads, the MCP98243 contains
an internal address pointer, which is incremented by
one at the completion of each operation. This address
pointer allows the entire memory contents to be serially
read during one operation.
FIGURE 5-20:
Timing Diagram for Sequential Read (See Section 4.0 “Serial Communication”).
5.3.5
STANDBY MODE
The design will incorporate a low power standby mode
(ISHDN). Standby mode will be entered after a normal
termination of any operation and after all internal
functions are complete. This would include any error
conditions occurring, such as improper number of clock
cycles or improper instruction byte as defined
previously.
SDA
A
C
K
10
1
0
A
XX
X
X
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
1
2
3
4
5
678
SCL
X
Address Byte
R
MCP98243
MCP98243
Data at (n+1)
A
C
K
1
2
3
4
5
678
12
3
4
567
8
Data at (n+2)
Data (n)1
MCP98243
MCP98243
XX
X
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
Data at (n+m)(1)
XX
X
XX
X
A
C
K
Note 1: ‘n’ is the initial address location and ‘m’ is the final address location (‘n+m’ < 256)
N
A
K
P
Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com