Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9843 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP9843
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9843 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP9843 Datasheet HTML 11Page - Microchip Technology MCP9843 Datasheet HTML 12Page - Microchip Technology MCP9843 Datasheet HTML 13Page - Microchip Technology MCP9843 Datasheet HTML 14Page - Microchip Technology MCP9843 Datasheet HTML 15Page - Microchip Technology MCP9843 Datasheet HTML 16Page - Microchip Technology MCP9843 Datasheet HTML 17Page - Microchip Technology MCP9843 Datasheet HTML 18Page - Microchip Technology MCP9843 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153C-page 15
MCP9843/98243
5.0
FUNCTIONAL DESCRIPTION
The MCP9843/98243 temperature sensors consists of
a band-gap type temperature sensor, a Delta-Sigma
Analog-to-Digital Converter (
ΣΔ ADC), user-program-
mable registers and a 2-wire I2C protocol compatible
serial interface. Figure 5-1 shows a block diagram of
the register structure.
FIGURE 5-1:
Functional Block Diagram.
Clear Event
0.5°C/bit
0.25°C/bit
0.125°C/bit
0.0625°C/bit
Temperature
TUPPER
TLOWER
Configuration
ΣΔ ADC
Band-Gap
Temperature
Sensor
Event Status
Output Control
Critical Event only
Event Polarity
Event Comp/Int
TCRIT
Capability
Temp. Range
Accuracy
Output Feature
Register
Pointer
Critical Trip Lock
Alarm Win. Lock Bit
Shutdown
Hysteresis
Manufacturer ID
Resolution
Memory
Control
Logic
Address
Standard
Array
Write
Write Protect
Circuitry
Sense Amp
R/W Control
Protected
(00h-7Fh)
(80h-FFh)
Device ID/Rev
Selected Resolution
HV Generator
Decoder
Array
X
Address Decoder
Y
Standard I2C
Interface
A0
A1
A2
Event
SDA
SCL
VDD
GND
I2C Bus Time-out
Accepts VHV
Shutdown Status
MCP9843/98243 Temperature Sensor
MCP98243 EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com