Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9843 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP9843
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9843 Datasheet(HTML) 1 Page - Microchip Technology

  MCP9843 Datasheet HTML 1Page - Microchip Technology MCP9843 Datasheet HTML 2Page - Microchip Technology MCP9843 Datasheet HTML 3Page - Microchip Technology MCP9843 Datasheet HTML 4Page - Microchip Technology MCP9843 Datasheet HTML 5Page - Microchip Technology MCP9843 Datasheet HTML 6Page - Microchip Technology MCP9843 Datasheet HTML 7Page - Microchip Technology MCP9843 Datasheet HTML 8Page - Microchip Technology MCP9843 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153C-page 1
MCP9843/98243
Features
• Meets JEDEC Specification
- MCP9843 - JC42.4-TSE3000B3
Temperature Sensor
- MCP98243 --> JC42.4-TSE2002B3
Temperature Sensor with 2 Kbit Serial
EEPROM for Serial Presence Detect (SPD)
• 2-wire I2C™/SMBus Interface
• Available Packages:
- DFN-8, TDFN-8, UDFN-8, TSSOP-8
Temperature Sensor Features
• Temperature-to-Digital Converter
• Sensor Accuracy (Grade B):
- ±0.2°C/±1°C (typ./max.)
→ +75°C to +95°C
- ±0.5°C/±2°C (typ./max.)
→ +40°C to +125°C
- ±1°C/±3°C (typ./max.)
→ -20°C to +125°C
• Specified VDD Range: 3.0V to 3.6V
• Operating Current: 200 µA (typical)
•Operating VDD Range: 2.7V to 5.5V
Serial EEPROM Features (MCP98243)
• Specified VDD Range: 1.8V to 5.5V
• Operating Current:
-Write
→ 1.1 mA (typical) for 3.5 ms (typical)
- Read
→ 100 µA (typical)
• Permanent and Reversible Software Write Protect
• Software Write Protection for the lower 1 Kbit
• Organized as 1 block of 256 x 8-bit (2 Kbit)
Typical Applications
• DIMM Modules for Servers, PCs, and Laptops
• General Purpose Temperature Datalog
Description
Microchip Technology Inc.’s MCP9843/98243 digital
temperature sensors convert temperature from -40°C
and +125°C to a digital word. These sensors meet
JEDEC
Specification
JC42.4-TSE3000B3
and
JC42.4-TSE2002B3 Memory Module Thermal Sensor
Component. It provides an accuracy of ±0.2°C/±1°C
(typical/maximum) from +75°C to +95°C. In addition,
MCP98243 has an internal 256 Byte EEPROM which
can be used to store memory module and vendor
information.
The MCP9843/98243 digital temperature sensor
comes with user-programmable registers that provide
flexibility for DIMM temperature-sensing applications.
The registers allow user-selectable settings such as
Shutdown or Low-Power modes and the specification
of
temperature
Event
boundaries.
When
the
temperature changes beyond the specified Event
boundary limits, the MCP9843/98243 outputs an Alert
signal at the Event pin. The user has the option of
setting the temperature Event output signal polarity as
either an active-low or active-high comparator output
for thermostat operation, or as a temperature Event
interrupt output for microprocessor-based systems.
The MCP98243 EEPROM is designed specifically for
DRAM DIMMs (Dual In-line Memory Modules) Serial
Presence Detect (SPD). The lower 128 Bytes (address
0x00 to 0x7F) can be Permanent Write Protected
(PWP) or Software Reversible Write Protected (SWP).
This allows DRAM vendor and product information to
be stored and write protected. The upper 128 bytes
(address 0x80 to 0xFF) can be used for general
purpose data storage. These addresses are not write
protected.
This sensor has an industry standard 2-wire,
I2C compatible serial interface, allowing up to eight
devices to be controlled in a single serial bus.
Package Types
DIMM MODULE
MCP9843/98243
8-Pin 2x3 DFN/TDFN/UDFN *
SDA
GND
Event
SCL
1
2
3
4
8-Pin TSSOP
A0
VDD
A1
A2
8
7
6
5
* Includes Exposed Thermal Pad (EP); see Table 3-1.
SCL
Event
SDA
A1
A2
1
2
3
4
8
7
6
5
GND
A0
VDD
EP
9
Memory Module Temperature Sensor w/ EEPROM for SPD


Similar Part No. - MCP9843

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9843 MICROCHIP-MCP9843 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP9843 MICROCHIP-MCP9843 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
More results

Similar Description - MCP9843

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
Memory Module Temperature Sensor w/ EEPROM for SPD
2006
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
Memory module temperature sensor with a 2 Kb SPD EEPROM
12-Jun-2008
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
STTS2002 STMICROELECTRONICS-STTS2002_11 Datasheet
770Kb / 52P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
21-Mar-2011
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
logo
Renesas Technology Corp
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com