Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9843 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP9843
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9843 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP9843 Datasheet HTML 54Page - Microchip Technology MCP9843 Datasheet HTML 55Page - Microchip Technology MCP9843 Datasheet HTML 56Page - Microchip Technology MCP9843 Datasheet HTML 57Page - Microchip Technology MCP9843 Datasheet HTML 58Page - Microchip Technology MCP9843 Datasheet HTML 59Page - Microchip Technology MCP9843 Datasheet HTML 60Page - Microchip Technology MCP9843 Datasheet HTML 61Page - Microchip Technology MCP9843 Datasheet HTML 62Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153C-page 59
MCP9843/98243
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9843:
Digital Temperature Sensor
MCP9843T: Digital Temperature Sensor
(Tape and Reel)
MCP98243: Digital Temp. Sensor + 2k bit EEPROM
MCP98243T: Digital Temp. Sensor + 2k bit EEPROM
(Tape and Reel)
Grade:
B
= ±1°C (max.) from +75°C to +95°C,
B
±2°C (max.) from +40°C to +125°C, and
B
±3°C (max.) from -20°C to +125°C
Temperature Range:
E
= -40°C to +125°C
Package:
MC
= Dual Flat No Lead (2x3x0.9 mm Body), 8-lead,
MNY * = Dual Flat No Lead (2x3x0.75 mm Body, 8-lead
(Tape and Reel)
MUY * = Dual Flat No Lead (2x3x0.5 mm Body, 8-lead
(Tape and Reel)
ST
= Plastic Thin Shrink Small Outline (4x4 mm
Body), 8-lead
* Y = nickel palladium gold manufacturing designator. Only
available on the TDFN and UDFN packages.
PART NO.
X
/XXX
Package
Temperature
Range
Device
Examples:
a)
MCP9843-BE/MC:
Extended Temp.,
8LD DFN pkg.
b)
MCP9843T-BE/MC: Tape and Reel,
Extended Temp.,
8LD DFN pkg.
c)
MCP9843-BE/ST:
Extended Temp.,
8LD TSSOP pkg.
d)
MCP9843T-BE/ST:
Tape and Reel,
Extended Temp.,
8LD TSSOP pkg.
e)
MCP9843T-BE/MNY: Tape and Reel,
Extended Temp.,
8LD TDFN (nickel
palladium gold) pkg.
a)
MCP98243-BE/MC: Extended Temp.,
8LD DFN pkg.
b)
MCP98243T-BE/MC: Tape and Reel,
Extended Temp.,
8LD DFN pkg.
c)
MCP98243-BE/ST:
Extended Temp.,
8LD TSSOP pkg.
d)
MCP98243T-BE/ST: Tape and Reel,
Extended Temp.,
8LD TSSOP pkg.
e)
MCP98243T-BE/MNY:Tape and Reel,
Extended Temp.,
8LD TDFN (nickel
palladium gold) pkg.
f)
MCP98243T-BE/MUY:Tape and Reel.
Extended Temp.,
8LD UDFN (nickel
palladium gold) pkg.
–X
Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com