Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIPPC-2015 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIPPC-2015
Description  Industrial Panel PC with 15 in. LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPPC-2015 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIPPC-2015 Datasheet HTML 1Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 2Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 3Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 4Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Industrial Panel PC with 15 in. LCD
4
BUY ONLINE at ni.com or CALL (866) 265 9891 (U.S.)
Specifications
System Components
Processor................................................................................
Pentium 4, 2.0 GHz (Socket 478)
RAM .......................................................................................
512 MB DIMM
Storage...................................................................................
40 GB 3.5 in. HDD
Removable media ..................................................................
3.5 in. FDD, and CD-ROM drive
I/O ports .................................................................................
2 serial, 1 RS232 (COM1) and 1 RS232/422/485 (COM2);
1 parallel (SPP/EPP/ECP), 5 USB v2.0, 2 PCMCIA (Type II); 1 10/100BaseT Ethernet
1 S-video, 2 IEEE 1394, 2 PS/2
Bus expansion........................................................................
2 half-length PCI
Operating system...................................................................
Windows XP
Display
Description .............................................................................
XGA TFT LCD flat panel
Size .......................................................................................
15 in.
Resolution ..............................................................................
1024 x 768
Viewing angle ........................................................................
100 deg (v), 120 deg (h)
Luminance ..............................................................................
350 cd/m2
Backlight life ..........................................................................
50,000 hours
Color .......................................................................................
≥262,000
Touch screen
Type .......................................................................................
Analog resistive, continuous resolution
Light transmission..................................................................
75%
Durability................................................................................
1 million touch lifetime of single point
Electrical
Input voltage ..........................................................................
100 to 240 VAC (autoswitching)
Line frequency........................................................................
50 to 60 Hz
Output voltage (V)
5.....................................................................................
15 A
+12 .....................................................................................
5 A
-12......................................................................................
0.5 A
Cooling
Chassis cooling system .........................................................
Forced air circulation (positive pressurization)
Physical
Dimensions (h by w by d) ......................................................
430 by 310 by 150 mm (16.9 by 12.2 by 5.9 in.)
Gross weight..........................................................................
13 kg (28 lb)
Dimensions, cutout (h by w) ..................................................
314 by 406 mm (12.36 by 15.98 in.)
Mounting................................................................................
Panel (standard), rack-mount (optional)
Mean Time Between Failure (MTBF)
Power supply..........................................................................
200,000 hours
Environmental
Operating temperature ..........................................................
0 to 50 °C (32 to 122 °F)
Storage temperature..............................................................
-20 to 60 °C (-4 to 140 °F)
Relative humidity ...................................................................
5 to 85% @ 40 °C (noncondensing)
Vibration, operating ...............................................................
5 to 500 Hz, 1 grms
Safety and EMC/EMI Compliance
EMC/EMI................................................................................
CE, and FCC Part 15
Ratings ...................................................................................
NEMA Type 4, IP65
Certifications..........................................................................
UL, CE, BSMI, CCC, and FCC (Class B)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com