Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIPPC-2015 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPPC-2015
Description  Industrial Panel PC with 15 in. LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPPC-2015 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPPC-2015 Datasheet HTML 1Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 2Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 3Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 4Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Industrial Panel PC with 15 in. LCD
3
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
HMI with Integrated Vision
Use NI Vision Builder for Automated Inspection (AI) software to create
basic vision applications. With this software, you can prototype,
benchmark, and deploy vision applications without programming. Quickly
and easily create cost-effective PCI-based vision systems based on the
PPC-2015 with Vision Builder AI software.
NEMA4 and IP65 Industrial Ratings
The NI family of HMIs – FPT-1015, TPC-2006, and PPC-2015 – all feature
a NEMA4 and IP65 industrial-rated front panel or bezel. When these
systems are panel-mounted in a NEMA4 or IP65 industrial enclosure,
they are capable of withstanding the ingress of dust and water jets.
The NEMA4/IP65 rating makes these systems ideal for harsh
environments on the factory floor, in industrial plants, and for
pharmaceuticals. NEMA4 is a U.S. standard set by the National
Electrical Manufacturer’s Association, and IP65 is a European standard
set by the Institute of Petroleum that defines the water and dust
resistance levels of a product.
NI Panel PC Connectivity
The PPC-2015 provides connectivity to a wide variety of external devices
with one Ethernet, five USB, two IEEE 1394, and two RS232 serial ports;
in addition there are two half-length PCI and two PCMCIA Type II slots
available. These connectivity options provide access to a wide range of
NI data acquisition hardware and an Ethernet network (see Figure 6).
PCI Plug-In
Figure 5. Integrate PCI-based vision or Ethernet-based vision with NI Compact Vision System.
Figure 6. PPC-2015 Rear View
Ordering Information
NI PPC-2015 with
Windows XP ......................................................................779562-01
No OS ................................................................................779569-01
NI PPC-2015 rack-mount kit ..................................................779574-01
BUY NOW!
For complete product specifications, pricing, and accessory
information, call (800) 813 3693 (U.S.) or go to ni.com/pxi.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com