Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIPPC-2015 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPPC-2015
Description  Industrial Panel PC with 15 in. LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPPC-2015 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPPC-2015 Datasheet HTML 1Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 2Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 3Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 4Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Typical Applications
HMI
Use LabVIEW to quickly create custom graphical user interfaces (GUIs)
incorporating high-resolution graphics. With LabVIEW, the PPC-2015
becomes a powerful HMI.
HMI with PCI-Based I/O
Add up to two multifunction DAQ, industrial digital I/O, or industrial vision
boards to create a monitoring and control system. Choose from a broad
selection of PCI plug-in board options to address monitoring and control
applications typically beyond the range of standard PLC-based functionality.
HMI with Industrial Distributed I/O
With LabVIEW and the LabVIEW Datalogging and Supervisory Control
Module, you can create a supervisory control and data acquisition
(SCADA) system using FieldPoint or Compact FieldPoint distributed I/O.
Incorporate Ethernet switches from National Instruments Alliance Partners
to integrate plant-floor devices connected to industrial field buses
(for example, DeviceNet). In plant-wide SCADA systems, the PPC-2015
functions as the local HMI device and as a data concentrator that shares
data in real time throughout the enterprise.
HMI with Integrated Motion Control
Add motion to your HMI-based system with plug-in PCI motion boards
and integrate NI motion controllers with NI motion drivers for LabVIEW.
The PPC-2015 functions as the development platform, system controller,
and HMI for simple single-axis or more complex multiaxis motion
control applications.
Industrial Panel PC with 15 in. LCD
2
BUY ONLINE at ni.com or CALL (866) 265 9891 (U.S.)
Ethernet and Serial
Ethernet and Serial
PCI Plug-In
PCI Plug-In
Figure 1. The PPC-2015 functions as an HMI for LabVIEW SCADA applications.
Figure 3. The PPC-2015 connects via Ethernet or serial to an embedded real-time
controller and distributed I/O with Compact FieldPoint.
Figure 2. The PPC-2015 accepts half-length PCI boards to provide a wide range of I/O.
Figure 4. The PPC-2015 houses PCI motion control boards to address sophisticated
motion control applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com