Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIPPC-2015 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NIPPC-2015
Description  Industrial Panel PC with 15 in. LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPPC-2015 Datasheet(HTML) 1 Page - National Instruments Corporation

  NIPPC-2015 Datasheet HTML 1Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 2Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 3Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 4Page - National Instruments Corporation NIPPC-2015 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Industrial Panel PC with 15 in. LCD
Overview
The National Instruments PPC-2015 is an industrial panel PC with built-in
touch screen. The NI PPC-2105 combines a 2 GHz Pentium 4 proccessor
with a rugged 15 in. touch screen to create a human-machine interface
(HMI) system for NI PACs. When configured with National Instruments
LabVIEW software, it provides a complete HMI solution. It also can
become a versatile measurement and automation workstation when
configured with NI hardware such as industrial PCI-based DAQ boards or
external USB-based DAQ modules. With National Instruments hardware
and software platforms, you can address a wide range of measurement and
automation applications.
Rugged Industrial Design
The PPC-2015 features a stainless steel chassis with an aluminum front
panel. An integrated NEMA4/IP65-compliant touch screen display
eliminates the cabling associated with external monitors, and its flat-panel
technology conserves limited rack and panel space on the plant floor.
The PPC-2015 touch screen display features tempered, antireflective
glass that is also coated to minimize scratching. NEMA4/IP65 compliance
ensures that the unit can meet applications with hose-down requirements.
Unlike commercial PCs, the PPC-2015 features extended shock, vibration,
and temperature ratings plus global safety standards and agency
certifications. To address special application requirements, a rack-mount
kit is available.
Flexible Open Platform
Unlike dedicated visualization platforms such as message displays and
graphics terminals, the PPC-2015 features an open, extensible PC-based
architecture fully compatible with National Instruments and commercial
third-party hardware and software components. Featuring Windows XP,
an internal PCI bus, and a choice of communication buses (serial, parallel,
USB, PCMCIA, and Ethernet), it can be configured to address requirements
beyond traditional HMI applications. When configured with the NI LabVIEW
graphical programming environment and data acquisition, vision, motion,
or PAC hardware, the PPC-2015 provides a complete, ready-to-run solution.
Programmable Automation Controller (PAC)
The PPC-2015 is a PAC platform based on an open-architecture
commercial platform. By using industry standards (for example PCI, USB,
and Ethernet), LabVIEW software, and NI hardware and software
components, the PPC-2015 system provides:
• A single environment for HMI and programming
• A complete solution – I/O, motion, vision, and software
• Time and cost-saving single sourcing
• Guaranteed compatibility between system hardware
and software components
• Tight integration of system components for optimal performance
• Easy integration of third-party hardware components
• Device-level and enterprise-level connectivity
• Rugged industrial platform for
NI programmable automation
controllers (PACs)
• 2.0 GHz Pentium 4 processor, 512 MB RAM
• 40 GB HDD, CD-ROM, and floppy drive
• Communication ports
• 1 Ethernet 10/100BaseT
• 5 USB 2.0 (1 with front-panel access)
• 1 RS232 and 1 RS232/422/485
• 2 PCMCIA (Type II)
• 2 IEEE 1394
• 2 PS/2
• Expansion slots for 2 half-length PCI boards
• NEMA4/IP65-compliant front panel
• Stainless steel chassis
• Panel mount
• 0 to 50 °C operating range
• BSMI, CCC, CE, FCC, and
UL certifications
Accessories
• Rack-mount kit
NI PPC-2015 NEW!
NI Product Support for PPC-2015
DAQ
Modular
Instruments
Vision
Motion
Compact
FieldPoint
CompactRIO
PCI




–
–
USB

–
–
–
–
–
Ethernet






PCMCIA

–
–
–
–
–
Serial
–
–
–
–




Similar Part No. - NIPPC-2015

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-1405 NI-NIPCI-1405 Datasheet
277Kb / 3P
Low-Cost Single-Channel Color or Monochrome Image Acquisition
NIPCI-1411 NI-NIPCI-1411 Datasheet
89Kb / 2P
Single-Channel Color or Monochrome Image Acquisition
NIPCI-1428 NI-NIPCI-1428 Datasheet
55Kb / 3P
Camera Link Image Acquisition
NIPCI-4060 NI-NIPCI-4060 Datasheet
110Kb / 4P
51?? Digit Multimeters
NIPCI-4065 NI-NIPCI-4065 Datasheet
427Kb / 6P
Low-Cost 6 1⁄2-Digit Multimeters
More results

Similar Description - NIPPC-2015

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-7157A ADVANTECH-IPPC-7157A Datasheet
701Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 7 Expansion Slots and Keypad
IPPC-7158B ADVANTECH-IPPC-7158B Datasheet
744Kb / 2P
15 XGA TFT LCD Passive Backplane Industrial Panel PC with 14 Expansion Slots and Keypad
IPPC-8151S ADVANTECH-IPPC-8151S Datasheet
646Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with Stainless Steel
IPPC-9151F ADVANTECH-IPPC-9151F Datasheet
314Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
IPPC-9151G ADVANTECH-IPPC-9151G Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
logo
National Instruments Co...
PPC-2115 NI-PPC-2115 Datasheet
976Kb / 4P
Industrial Panel PC with 15 in. LCD
logo
DFI Inc
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
15 Heavy Industrial Touch Panel PC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com