Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931D-R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM2931D-R
Description  Very low drop voltage regulators with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931D-R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM2931D-R Datasheet HTML 3Page - STMicroelectronics LM2931D-R Datasheet HTML 4Page - STMicroelectronics LM2931D-R Datasheet HTML 5Page - STMicroelectronics LM2931D-R Datasheet HTML 6Page - STMicroelectronics LM2931D-R Datasheet HTML 7Page - STMicroelectronics LM2931D-R Datasheet HTML 8Page - STMicroelectronics LM2931D-R Datasheet HTML 9Page - STMicroelectronics LM2931D-R Datasheet HTML 10Page - STMicroelectronics LM2931D-R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM2931XX, LM2931AXX33, LM2931AXX50
Electrical characteristics
Doc ID 6740 Rev 19
7/21
5
Electrical characteristics
Refer to the application circuit Figure 3, TJ = 25 °C, CI = 0.1 µF, CO = 100 µF, VI = 14 V,
IO = 10 mA, VINH = 0 V, unless otherwise specified.
Table 4.
Electrical characteristics of LM2931Axx33
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Maximum operating input
voltage
IO = 10 mA, TJ = -40 to 125°C
26
V
VO
Output voltage
3.135
3.3
3.425
V
VO
Output voltage
IO = 100 mA, VI = 6 to 26 V
TJ = -40 to 125°C
3.135
3.3
3.465
V
ΔV
O
Line regulation
VI = 9 to 16 V
2
10
mV
VI = 6 to 26 V
4
33
ΔV
O
Load regulation
IO = 5 to 100 mA
10
33
mV
Vd
Dropout voltage (1) (2)
IO = 10 mA
90
250
mV
IO = 100 mA
250
600
Id
Quiescent current
ON MODE
IO = 100 mA
2.5
30
mA
OFF MODE
VINH = 2.5 V, RLOAD = 330 Ω
0.3
1
mA
ISC
Short circuit current
100
300
mA
SVR
Supply voltage rejection
IO = 100 mA, VI = 14 ± 2 V
f = 120 Hz, TJ = -40 to 125°C
55
78
dB
VIL
Control input voltage low
TJ = -40 to 125°C
2
1.2
V
VIH
Control input voltage high
TJ = -40 to 125°C
3.25
2
V
IINH
Inhibit input current
VINH = 2.5 V
22
50
µA
VI
Transient input voltage
RLOAD = 330 Ω, τ < 100ms
60
70
V
VI
Reverse polarity input
voltage
VO = ± 0.3 V, RLOAD = 330 Ω
-15
-50
V
VI
Reverse polarity input
voltage transient
RLOAD = 330 Ω, τ < 100ms
-50
V
eN
Output noise voltage
B =10 Hz to 100 kHz
330
µVRMS
1.
Reference voltage is measured from VOUT to ADJ pin.
2.
Vd measured when the output voltage has dropped 100 mV from the nominal value obtained at 14 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com