Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931D-R Datasheet(PDF) 15 Page - STMicroelectronics

Part # LM2931D-R
Description  Very low drop voltage regulators with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931D-R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LM2931D-R Datasheet HTML 11Page - STMicroelectronics LM2931D-R Datasheet HTML 12Page - STMicroelectronics LM2931D-R Datasheet HTML 13Page - STMicroelectronics LM2931D-R Datasheet HTML 14Page - STMicroelectronics LM2931D-R Datasheet HTML 15Page - STMicroelectronics LM2931D-R Datasheet HTML 16Page - STMicroelectronics LM2931D-R Datasheet HTML 17Page - STMicroelectronics LM2931D-R Datasheet HTML 18Page - STMicroelectronics LM2931D-R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LM2931XX, LM2931AXX33, LM2931AXX50
Package mechanical data
Doc ID 6740 Rev 19
15/21
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A4.324.95
170.1
194.9
b
0.36
0.51
14.2
20.1
D
4.45
4.95
175.2
194.9
E
3.30
3.94129.9
155.1
e
2.41
2.67
94.9
105.1
e1
1.14
1.40
44.9
55.1
L
12.7
15.49
500.0
609.8
R
2.16
2.41
85.0
94.9
S10.92
1.52
36.2
59.8
W
0.41
0.56
16.1
22.0
α
5°
5°
TO-92 mechanical data
0102782/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com