Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931D-R Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM2931D-R
Description  Very low drop voltage regulators with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931D-R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM2931D-R Datasheet HTML 6Page - STMicroelectronics LM2931D-R Datasheet HTML 7Page - STMicroelectronics LM2931D-R Datasheet HTML 8Page - STMicroelectronics LM2931D-R Datasheet HTML 9Page - STMicroelectronics LM2931D-R Datasheet HTML 10Page - STMicroelectronics LM2931D-R Datasheet HTML 11Page - STMicroelectronics LM2931D-R Datasheet HTML 12Page - STMicroelectronics LM2931D-R Datasheet HTML 13Page - STMicroelectronics LM2931D-R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Typical characteristics
LM2931XX, LM2931AXX33, LM2931AXX50
10/21
Doc ID 6740 Rev 19
6
Typical characteristics
Unless otherwise specified CI = 0.1 µF, CO = 100 µF.
Figure 5.
Output voltage vs. temperature
Figure 6.
Output voltage vs. temperature
Figure 7.
Reference voltage vs. temperature
Figure 8.
Line regulation vs. temperature
Figure 9.
Load regulation vs. temperature
Figure 10.
Dropout voltage vs. temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com