Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931D-R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2931D-R
Description  Very low drop voltage regulators with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931D-R Datasheet(HTML) 5 Page - STMicroelectronics

  LM2931D-R Datasheet HTML 1Page - STMicroelectronics LM2931D-R Datasheet HTML 2Page - STMicroelectronics LM2931D-R Datasheet HTML 3Page - STMicroelectronics LM2931D-R Datasheet HTML 4Page - STMicroelectronics LM2931D-R Datasheet HTML 5Page - STMicroelectronics LM2931D-R Datasheet HTML 6Page - STMicroelectronics LM2931D-R Datasheet HTML 7Page - STMicroelectronics LM2931D-R Datasheet HTML 8Page - STMicroelectronics LM2931D-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM2931XX, LM2931AXX33, LM2931AXX50
Maximum ratings
Doc ID 6740 Rev 19
5/21
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC positive input voltage
40
V
VI
DC reverse input voltage
-15
V
VI
Transient input voltage (
τ < 100 ms)
60
V
VI
Transient reverse input voltage (
τ < 100 ms)
-50
V
VINH
Inhibit input voltage
40
V
IO
Output current
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 3.
Thermal data
Symbol
Parameter
SO-8
DPAK
TO-92
Unit
RthJC
Thermal resistance junction-case
20
8
°C/W
RthJA
Thermal resistance junction-ambient
55 (1)
100
200
°C/W
1.
Considering 6 cm2 of copper board heat-sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com