Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360 Datasheet(PDF) 18 Page - Intel Corporation

Part # 360
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

360 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 360 Datasheet HTML 14Page - Intel Corporation 360 Datasheet HTML 15Page - Intel Corporation 360 Datasheet HTML 16Page - Intel Corporation 360 Datasheet HTML 17Page - Intel Corporation 360 Datasheet HTML 18Page - Intel Corporation 360 Datasheet HTML 19Page - Intel Corporation 360 Datasheet HTML 20Page - Intel Corporation 360 Datasheet HTML 21Page - Intel Corporation 360 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 95 page
background image
Electrical Specifications
18
Datasheet
2.5.2
DC Voltage and Current Specification
Table 4.
Voltage and Current Specifications
Symbol
Parameter
Min
Typ
Max
Unit Notes1,2
VID Range
VID
1.25
—
1.325
V
3
VCC
Processor
Number
356
352
347
VCC for
775_VR_CONFIG_05A
3.33 GHz
3.2 GHz
3.06 GHz
Refer to Table 5 and
Figure 1
V
4, 5, 6
ICC
Processor
Number
356
352
347
ICC for 775_VR_CONFIG_05A
3.33 GHz
3.2 GHz
3.06_GHz
——
100
100
100
A
7
Processor
Number
365
360
356
352
347
ICC for 775_VR_CONFIG_06
3.66 GHz
3.46 GHz
3.33 GHz
3.2 GHz
3.06_GHz
——
65
65
65
65
65
ISGNT
Processor
Number
356
352
347
ICC Stop-Grant for
775_VR_CONFIG_05A
3.33 GHz
3.2 GHz
3.06_GHz
——
50
50
50
A
8,9
Processor
Number
365
360
356
352
347
ICC Stop-Grant for
775_VR_CONFIG_06
3.66 GHz
3.46 GHz
3.33 GHz
3.2 GHz
3.06_GHz
——
40
40
40
40
40
ITCC
ICC TCC active
—
—
ICC
A
10
VTT
FSB termination voltage
(DC + AC specifications)
1.14
1.20
1.26
V
11, 12
VTT_OUT_LEFT
and
VTT_OUT_RIGHT
ICC
DC Current that may be drawn from
VTT_OUT_LEFT and VTT_OUT_RIGHT per land
——
580
mA
ITT
Steady state FSB termination current
—
—
3.5
A
13, 14
ITT_Power-UP
Power-up FSB termination current
4.5
A
13, 15
ICC_VCCA
ICC for PLL lands
——
35
mA
ICC_VCCIOPLL
ICC for I/O PLL land
——
26
mA
ICC_GTLREF
ICC for GTLREF
—
—
200
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com