Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360 Datasheet(PDF) 24 Page - Intel Corporation

Part # 360
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

360 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 360 Datasheet HTML 20Page - Intel Corporation 360 Datasheet HTML 21Page - Intel Corporation 360 Datasheet HTML 22Page - Intel Corporation 360 Datasheet HTML 23Page - Intel Corporation 360 Datasheet HTML 24Page - Intel Corporation 360 Datasheet HTML 25Page - Intel Corporation 360 Datasheet HTML 26Page - Intel Corporation 360 Datasheet HTML 27Page - Intel Corporation 360 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
Electrical Specifications
24
Datasheet
NOTES:
1.
Refer to Section 4.2 for signal descriptions.
2.
The value of these signals during the active-to-inactive edge of RESET# defines the
processor configuration options. See Section 6.1 for details.
3.
In processor systems where no debug port is implemented on the system board, these
signals are used to support a debug port interposer. In systems with the debug port
implemented on the system board, these signals are no connects.
.
TAP Output
Synchronous to
TCK
TDO
FSB Clock
Clock
BCLK[1:0], ITP_CLK[1:0]3
Power/Other
VCC, VTT, VCCA, VCCIOPLL, VID[5:0], VSS, VSSA,
GTLREF[1:0], COMP[5:4,1:0], RESERVED, TESTHI[13:0],
THERMDA, THERMDC, VCC_SENSE,
VCC_MB_REGULATION, VSS_SENSE,
VSS_MB_REGULATION, BSEL[2:0], SKTOCC#, DBR#3,
VTTPWRGD, BOOTSELECT, VTT_OUT_LEFT,
VTT_OUT_RIGHT, VTT_SEL, LL_ID[1:0], MSID[1:0], FCx,
IMPSEL
Table 7.
FSB Signal Groups (Sheet 2 of 2)
Signal Group
Type
Signals1
Table 8.
Signal Characteristics
Signals with RTT
Signals with No RTT
A[35:3]#, ADS#, ADSTB[1:0]#, AP[1:0]#,
BINIT#, BNR#, BOOTSELECT1, BPRI#,
D[63:0]#, DBI[3:0]#, DBSY#, DEFER#,
DP[3:0]#, DRDY#, DSTBN[3:0]#,
DSTBP[3:0]#, HIT#, HITM#, LOCK#, MCERR#,
MSID[1:0]1, PROCHOT#, REQ[4:0]#, RS[2:0]#,
RSP#, TRDY#, IMPSEL2
NOTES:
1. These signals have a 500–5000 Ω pull-up to VTT rather than on-die termination.
A20M#, BCLK[1:0], BPM[5:0]#, BSEL[2:0],
COMP[5:4,1:0], FERR#/PBE#, IERR#,
IGNNE#, INIT#, ITP_CLK[1:0], LINT0/INTR,
LINT1/NMI, PWRGOOD, RESET#, SKTOCC#,
SMI#, STPCLK#, TDO, TESTHI[13:0],
THERMDA, THERMDC, THERMTRIP#,
VID[5:0], VTTPWRGD, GTLREF[1:0], TCK,
TDI, TMS, TRST#, VTT_SEL
Open Drain Signals2
2.
Signals that do not have RTT, nor are actively driven to their high-voltage level.
THERMTRIP#, FERR#/PBE#, IERR#, BPM[5:0]#,
BR0#, TDO, LL_ID[1:0], FCx
Table 9.
Signal Reference Voltages
GTLREF
VTT/2
BPM[5:0]#, LINT0/INTR, LINT1/NMI, RESET#,
BINIT#, BNR#, HIT#, HITM#, MCERR#, PROCHOT#,
BR0#, A[35:0]#, ADS#, ADSTB[1:0]#, AP[1:0]#,
BPRI#, D[63:0]#, DBI[3:0]#, DBSY#, DEFER#,
DP[3:0]#, DRDY#, DSTBN[3:0]#, DSTBP[3:0]#,
LOCK#, REQ[4:0]#, RS[2:0]#, RSP#, TRDY#
BOOTSELECT, VTTPWRGD, A20M#,
IGNNE#, INIT#, MSID[1:0],
PWRGOOD1, SMI#, STPCLK#, TCK1,
TDI1, TMS1, TRST#1
NOTES:
1.
These signals also have hysteresis added to the reference voltage. See Table 12 for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com