Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360 Datasheet(PDF) 32 Page - Intel Corporation

Part # 360
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

360 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 360 Datasheet HTML 28Page - Intel Corporation 360 Datasheet HTML 29Page - Intel Corporation 360 Datasheet HTML 30Page - Intel Corporation 360 Datasheet HTML 31Page - Intel Corporation 360 Datasheet HTML 32Page - Intel Corporation 360 Datasheet HTML 33Page - Intel Corporation 360 Datasheet HTML 34Page - Intel Corporation 360 Datasheet HTML 35Page - Intel Corporation 360 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
Electrical Specifications
32
Datasheet
2.7.4
BCLK[1:0] Specifications
§ §
Table 19.
Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit Notes1
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
V
L
Input Low Voltage
-0.150
0.000
N/A
V
-
V
H
Input High Voltage
0.660
0.700
0.850
V
-
V
CROSS(abs)
Absolute Crossing
Point
0.250
N/A
0.550
V
2, 3
2. Crossing voltage is defined as the instantaneous voltage value when the rising edge of BCLK0
equals the falling edge of BCLK1.
3. The crossing point must meet the absolute and relative crossing point specifications
simultaneously.
V
CROSS(rel)
Relative Crossing
Point
0.250 +
0.5(
V
HAVG – 0.700)
N/A
0.550 +
0.5(
V
HAVG – 0.700)
V
4, 3, 5
4. V
Havg is the statistical average of the VH measured by the oscilloscope.
5. V
Havg can be measured directly using “Vtop” on Agilent* oscilloscopes and “High” on Tektronix*
oscilloscopes.
ΔV
CROSS
Range of Crossing
Points
N/A
N/A
0.140
V
-
V
OS
Overshoot
N/A
N/A
V
H + 0.3
V
6
6. Overshoot is defined as the absolute value of the maximum voltage.
V
US
Undershoot
-0.300
N/A
N/A
V
7
7. Undershoot is defined as the absolute value of the minimum voltage.
V
RBM
Ringback Margin
0.200
N/A
N/A
V
8
8. Ringback Margin is defined as the absolute voltage difference between the maximum Rising
Edge Ringback and the maximum Falling Edge Ringback.
V
TM
Threshold Region
VCROSS – 0.100
N/A
VCROSS + 0.100
V
9
9. Threshold Region is defined as a region entered around the crossing point voltage in which the
differential receiver switches. It includes input threshold hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com