Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360 Datasheet(PDF) 31 Page - Intel Corporation

Part # 360
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

360 Datasheet(HTML) 31 Page - Intel Corporation

Back Button 360 Datasheet HTML 27Page - Intel Corporation 360 Datasheet HTML 28Page - Intel Corporation 360 Datasheet HTML 29Page - Intel Corporation 360 Datasheet HTML 30Page - Intel Corporation 360 Datasheet HTML 31Page - Intel Corporation 360 Datasheet HTML 32Page - Intel Corporation 360 Datasheet HTML 33Page - Intel Corporation 360 Datasheet HTML 34Page - Intel Corporation 360 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 95 page
background image
Datasheet
31
Electrical Specifications
.
NOTES:
1.
Diagram not to scale.
2.
No specification for frequencies beyond fcore (core frequency).
3.
fpeak, if existent, should be less than 0.05 MHz.
4.
fcore represents the maximum core frequency supported by the platform.
Figure 3.
Phase Lock Loop (PLL) Filter Requirements
0 dB
–28 dB
–34 dB
0.2 dB
–0.5 dB
1 MHz
66 MHz
fcore
fpeak
1 Hz
DC
Passband
High
Frequency
Band
Filt
S
Forbidden
Zone
Forbidden
Zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com