Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

540 Datasheet(PDF) 73 Page - Intel Corporation

Part # 540
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

540 Datasheet(HTML) 73 Page - Intel Corporation

Back Button 540 Datasheet HTML 69Page - Intel Corporation 540 Datasheet HTML 70Page - Intel Corporation 540 Datasheet HTML 71Page - Intel Corporation 540 Datasheet HTML 72Page - Intel Corporation 540 Datasheet HTML 73Page - Intel Corporation 540 Datasheet HTML 74Page - Intel Corporation 540 Datasheet HTML 75Page - Intel Corporation 540 Datasheet HTML 76Page - Intel Corporation 540 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
Datasheet
73
Land Listing and Signal Descriptions
§
VID[5:0]
Output
VID[5:0] (Voltage ID) signals are used to support automatic selection of power
supply voltages (VCC). These are open drain signals that are driven by the
processor and must be pulled up on the motherboard. Refer to the Voltage
Regulator-Down (VRD) 10.1 Design Guide for Desktop Socket 775 for more
information. The voltage supply for these signals must be valid before the VR
can supply VCC to the processor. Conversely, the VR output must be disabled
until the voltage supply for the VID signals becomes valid. The VID signals are
needed to support the processor voltage specification variations. See Table 2-2
for definitions of these signals. The VR must supply the voltage that is
requested by the signals, or disable itself.
VSS
Input
VSS are the ground pins for the processor and should be connected to the
system ground plane.
VSSA
Input
VSSA is the isolated ground for internal PLLs.
VSS_SENSE
Output
VSS_SENSE is an isolated low impedance connection to processor core VSS. It
can be used to sense or measure ground near the silicon with little noise.
VSS_MB_
REGULATION
Output
This land is provided as a voltage regulator feedback sense point for VSS. It is
connected internally in the processor package to the sense point land V27 as
described in the Voltage Regulator-Down (VRD) 10.1 Design Guide for Desktop
Socket 775.
VTT
Miscellaneous voltage supply.
VTT_OUT_LEFT
VTT_OUT_RIGHT
Output
The VTT_OUT_LEFT and VTT_OUT_RIGHT signals are included to provide a
voltage supply for some signals that require termination to VTT on the
motherboard.
For future processor compatibility some signals are required to be pulled up to
VTT_OUT_LEFT or VTT_OUT_RIGHT. Refer to the following table for the
signals that should be pulled up to VTT_OUT_LEFT and VTT_OUT_RIGHT.
VTT_SEL
Output
The VTT_SEL signal is used to select the correct VTT voltage level for the
processor.
VTTPWRGD
Input
The processor requires this input to determine that the VTT voltages are stable
and within specification.
Table 4-3. Signal Description (Sheet 8 of 8)
Name
Type
Description
Pull-up Signal
Signals to be Pulled Up
VTT_OUT_RIGHT
VTT_PWRGOOD, VID[5:0], GTLREF, TMS, TDI,
TDO, BPM[5:0], other VRD components
VTT_OUT_LEFT
RESET#, BR0#, PWRGOOD, TESTHI1, TESTHI8,
TESTHI9, TESTHI10, TESTHI11, TESTHI12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com