Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

540 Datasheet(PDF) 33 Page - Intel Corporation

Part # 540
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

540 Datasheet(HTML) 33 Page - Intel Corporation

Back Button 540 Datasheet HTML 29Page - Intel Corporation 540 Datasheet HTML 30Page - Intel Corporation 540 Datasheet HTML 31Page - Intel Corporation 540 Datasheet HTML 32Page - Intel Corporation 540 Datasheet HTML 33Page - Intel Corporation 540 Datasheet HTML 34Page - Intel Corporation 540 Datasheet HTML 35Page - Intel Corporation 540 Datasheet HTML 36Page - Intel Corporation 540 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
Datasheet
33
Electrical Specifications
2.12
VCC Overshoot Specification
The Pentium 4 processor in the 775-land package can tolerate short transient overshoot events
where VCC exceeds the VID voltage when transitioning from a high to low current load condition.
This overshoot cannot exceed VID + V
OS
_MAX (VOS_MAX is the maximum allowable overshoot
voltage). The time duration of the overshoot event must not exceed T
OS
_MAX (TOS_MAX is the
maximum allowable time duration above VID). These specifications apply to the processor die
voltage as measured across the VCC_SENSE and VSS_SENSE lands.
NOTES:
1. VOS is measured overshoot voltage.
2. TOS is measured time duration above VID.
2.12.1
Die Voltage Validation
Overshoot events from application testing on real processors must meet the specifications in
Table 2-17 when measured across the VCC_SENSE and VSS_SENSE lands. Overshoot events that
are < 10 ns in duration may be ignored. These measurements of processor die level overshoot
should be taken with a 100 MHz bandwidth limited oscilloscope. Refer to the Voltage Regulator
Down (VRD) 10.1 Design Guide For Desktop LGA775 Socket for additional voltage regulator
validation details.
Table 2-17. VCC Overshoot Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Figure
V
OS
_MAX
Magnitude of VCC
overshoot above VID
—
—
0.050
V
2-4
T
OS
_MAX
Time duration of VCC
overshoot above VID
——
25
µs
2-4
Figure 2-4. VCC Overshoot Example Waveform
Time
Example Overshoot Waveform
VID
VID + 0.050
T
OS
V
OS
T
OS: Overshoot time above VID
V
OS: Overshoot above VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com