Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

540 Datasheet(PDF) 46 Page - Intel Corporation

Part # 540
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

540 Datasheet(HTML) 46 Page - Intel Corporation

Back Button 540 Datasheet HTML 42Page - Intel Corporation 540 Datasheet HTML 43Page - Intel Corporation 540 Datasheet HTML 44Page - Intel Corporation 540 Datasheet HTML 45Page - Intel Corporation 540 Datasheet HTML 46Page - Intel Corporation 540 Datasheet HTML 47Page - Intel Corporation 540 Datasheet HTML 48Page - Intel Corporation 540 Datasheet HTML 49Page - Intel Corporation 540 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
Land Listing and Signal Descriptions
46
Datasheet
Table 4-1. Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction
A3#
L5
Source Synch
Input/Output
A4#
P6
Source Synch
Input/Output
A5#
M5
Source Synch
Input/Output
A6#
L4
Source Synch
Input/Output
A7#
M4
Source Synch
Input/Output
A8#
R4
Source Synch
Input/Output
A9#
T5
Source Synch
Input/Output
A10#
U6
Source Synch
Input/Output
A11#
T4
Source Synch
Input/Output
A12#
U5
Source Synch
Input/Output
A13#
U4
Source Synch
Input/Output
A14#
V5
Source Synch
Input/Output
A15#
V4
Source Synch
Input/Output
A16#
W5
Source Synch
Input/Output
A17#
AB6
Source Synch
Input/Output
A18#
W6
Source Synch
Input/Output
A19#
Y6
Source Synch
Input/Output
A20#
Y4
Source Synch
Input/Output
A20M#
K3
Asynch GTL+
Input
A21#
AA4
Source Synch
Input/Output
A22#
AD6
Source Synch
Input/Output
A23#
AA5
Source Synch
Input/Output
A24#
AB5
Source Synch
Input/Output
A25#
AC5
Source Synch
Input/Output
A26#
AB4
Source Synch
Input/Output
A27#
AF5
Source Synch
Input/Output
A28#
AF4
Source Synch
Input/Output
A29#
AG6
Source Synch
Input/Output
A30#
AG4
Source Synch
Input/Output
A31#
AG5
Source Synch
Input/Output
A32#
AH4
Source Synch
Input/Output
A33#
AH5
Source Synch
Input/Output
A34#
AJ5
Source Synch
Input/Output
A35#
AJ6
Source Synch
Input/Output
ADS#
D2
Common Clock Input/Output
ADSTB0#
R6
Source Synch
Input/Output
ADSTB1#
AD5
Source Synch
Input/Output
AP0#
U2
Common Clock Input/Output
AP1#
U3
Common Clock Input/Output
BCLK0
F28
Clock
Input
BCLK1
G28
Clock
Input
BINIT#
AD3
Common Clock Input/Output
BNR#
C2
Common Clock Input/Output
BOOTSELECT
Y1
Power/Other
Input
BPM0#
AJ2
Common Clock Input/Output
BPM1#
AJ1
Common Clock Input/Output
BPM2#
AD2
Common Clock Input/Output
BPM3#
AG2
Common Clock Input/Output
BPM4#
AF2
Common Clock Input/Output
BPM5#
AG3
Common Clock Input/Output
BPRI#
G8
Common Clock
Input
BR0#
F3
Common Clock Input/Output
BSEL0
G29
Power/Other
Output
BSEL1
H30
Power/Other
Output
BSEL2
G30
Power/Other
Output
COMP0
A13
Power/Other
Input
COMP1
T1
Power/Other
Input
D0#
B4
Source Synch
Input/Output
D1#
C5
Source Synch
Input/Output
D2#
A4
Source Synch
Input/Output
D3#
C6
Source Synch
Input/Output
D4#
A5
Source Synch
Input/Output
D5#
B6
Source Synch
Input/Output
D6#
B7
Source Synch
Input/Output
D7#
A7
Source Synch
Input/Output
D8#
A10
Source Synch
Input/Output
D9#
A11
Source Synch
Input/Output
D10#
B10
Source Synch
Input/Output
D11#
C11
Source Synch
Input/Output
D12#
D8
Source Synch
Input/Output
D13#
B12
Source Synch
Input/Output
D14#
C12
Source Synch
Input/Output
D15#
D11
Source Synch
Input/Output
D16#
G9
Source Synch
Input/Output
D17#
F8
Source Synch
Input/Output
D18#
F9
Source Synch
Input/Output
D19#
E9
Source Synch
Input/Output
D20#
D7
Source Synch
Input/Output
D21#
E10
Source Synch
Input/Output
D22#
D10
Source Synch
Input/Output
Table 4-1. Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com