Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

540 Datasheet(PDF) 22 Page - Intel Corporation

Part # 540
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

540 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 540 Datasheet HTML 18Page - Intel Corporation 540 Datasheet HTML 19Page - Intel Corporation 540 Datasheet HTML 20Page - Intel Corporation 540 Datasheet HTML 21Page - Intel Corporation 540 Datasheet HTML 22Page - Intel Corporation 540 Datasheet HTML 23Page - Intel Corporation 540 Datasheet HTML 24Page - Intel Corporation 540 Datasheet HTML 25Page - Intel Corporation 540 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
22
Datasheet
Electrical Specifications
NOTES:
1. Refer to Section 4.2 for signal descriptions.
2. In processor systems where there is no debug port implemented on the system board, these signals are used
to support a debug port interposer. In systems with the debug port implemented on the system board, these
signals are no connects.
3. The value of these signals during the active-to-inactive edge of RESET# defines the processor configuration
options. See Section 6.1 for details.
.
2.7
GTL+ Asynchronous Signals
Legacy input signals such as A20M#, IGNNE#, INIT#, SMI#, and STPCLK# use CMOS input
buffers. All of these signals follow the same DC requirements as GTL+ signals, however the
outputs are not actively driven high (during a logical 0 to 1 transition) by the processor. These
signals do not have setup or hold time specifications in relation to BCLK[1:0].
All of the GTL+ Asynchronous signals are required to be asserted/de-asserted for at least six
BCLKs for the processor to recognize the proper signal state. See Section 6.2 for additional timing
requirements for entering and leaving the low power states.
Table 2-4. Signal Characteristics
Signals with R
TT
Signals with no R
TT
A[35:3]#, ADS#, ADSTB[1:0]#, AP[1:0]#, BINIT#,
BNR#, BOOTSELECT1, BPRI#, D[63:0]#, DBI[3:0]#,
DBSY#, DEFER#, DP[3:0]#, DRDY#, DSTBN[3:0]#,
DSTBP[3:0]#, HIT#, HITM#, LOCK#, MCERR#,
PROCHOT#, REQ[4:0]#, RS[2:0]#, RSP#, TRDY#
NOTES:
1.
The BOOTSELECT signal has a 500-5000
Ω pull-up to V
TT rather than on-die termination.
A20M#, BCLK[1:0], BPM[5:0]#, BR0#, BSEL[2:0],
COMP[1:0], FERR#/PBE#, IERR#, IGNNE#, INIT#,
LINT0/INTR, LINT1/NMI, PWRGOOD, RESET#,
SKTOCC#, SMI#, STPCLK#, TDO, TESTHI[13:0],
THERMDA, THERMDC, THERMTRIP#, VID[5:0],
VTTPWRGD, GTLREF, TCK, TDI, TRST#, TMS
Open Drain Signals2
2.
Signals that do not have R
TT, nor are actively driven to their high-voltage level.
BSEL[2:0], VID[5:0], THERMTRIP#, FERR#/PBE#,
IERR#, BPM[5:0]#, BR0#, TDO, VTT_SEL, LL_ID[1:0],
MSID[1:0]
Table 2-5. Signal Reference Voltages
GTLREF
VTT/2
BPM[5:0]#, LINT0/INTR, LINT1/NMI, RESET#, BINIT#,
BNR#, HIT#, HITM#, MCERR#, PROCHOT#, BR0#,
A[35:0]#, ADS#, ADSTB[1:0]#, AP[1:0]#, BPRI#, D[63:0]#,
DBI[3:0]#, DBSY#, DEFER#, DP[3:0]#, DRDY#,
DSTBN[3:0]#, DSTBP[3:0]#, LOCK#, REQ[4:0]#, RS[2:0]#,
RSP#, TRDY#
BOOTSELECT, VTTPWRGD, A20M#,
IGNNE#, INIT#, PWRGOOD1, SMI#,
STPCLK#, TCK1, TDI1, TMS1, TRST#1
NOTES:
1.
These signals also have hysteresis added to the reference voltage. See Table 2-13 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com