Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627EVPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4627EVPBF
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627EVPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4627EVPBF Datasheet HTML 6Page - Linear Technology LTM4627EVPBF Datasheet HTML 7Page - Linear Technology LTM4627EVPBF Datasheet HTML 8Page - Linear Technology LTM4627EVPBF Datasheet HTML 9Page - Linear Technology LTM4627EVPBF Datasheet HTML 10Page - Linear Technology LTM4627EVPBF Datasheet HTML 11Page - Linear Technology LTM4627EVPBF Datasheet HTML 12Page - Linear Technology LTM4627EVPBF Datasheet HTML 13Page - Linear Technology LTM4627EVPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM4627
10
4627f
APPLICATIONS INFORMATION
The typical LTM4627 application circuit is shown in Fig-
ure 18. External component selection is primarily deter-
mined by the maximum load current and output voltage.
Refer to Table 4 for specific external capacitor requirements
for particular applications.
VIN to VOUT Step-Down Ratios
There are restrictions in the VIN to VOUT step-down ratio
that can be achieved for a given input voltage. The VIN to
VOUT minimum dropout is a function of load current and
at very low input voltage and high duty cycle applications
output power may be limited as the internal top power
MOSFET is not rated for 15A operation at higher ambient
temperatures. At very low duty cycles the minimum 90ns
on-time must be maintained. See the Frequency Adjust-
ment section and temperature derating curves.
Output Voltage Programming
The PWM controller has an internal 0.6V ±1% reference
voltage. As shown in the Block Diagram, a 60.4k internal
feedback resistor connects the VOUT_LCL and VFB pins
together. When the remote sense amplifier is used, then
DIFF_OUT is connected to the VOUT_LCL pin. If the remote
sense amplifier is not used, then VOUT_LCL connects to
VOUT. The output voltage will default to 0.6V with no feed-
back resistor. Adding a resistor RFB from VFB to ground
programs the output voltage:
VOUT = 0.6V •
60.4k +RFB
RFB
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT (V)
0.6
1.0
1.2
1.5
1.8
2.5
3.3
5.0
RFB (k)
Open
90.9
60.4
40.2
30.1
19.1
13.3
8.25
For parallel operation of N LTM4627s, the following equa-
tion can be used to solve for RFB:
RFB=
60.4 / N
VOUT
0.6
–1
Tie the VFB pins together for each parallel output. The
COMP pins must be tied together also.
Input Capacitors
The LTM4627 module should be connected to a low
AC-impedance DC source. Additional input capacitors
are needed for the RMS input ripple current rating. The
ICIN(RMS) equation which follows can be used to calculate
the input capacitor requirement. Typically 22μF X7R ce-
ramics are a good choice with RMS ripple current ratings
of ~ 2A each. A 47μF to 100μF surface mount aluminum
electrolytic bulk capacitor can be used for more input bulk
capacitance. This bulk input capacitor is only needed if
the input source impedance is compromised by long in-
ductive leads, traces or not enough source capacitance.
If low impedance power planes are used, then this bulk
capacitor is not needed.
For a buck converter, the switching duty cycle can be
estimated as:
D=
VOUT
VIN
Without considering the inductor ripple current, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS)=
IOUT(MAX)
η%
•D •(1–D)
Inthepreviousequation,
η%istheestimatedefficiencyofthe
power module. The bulk capacitor can be a switcher-rated
electrolytic aluminum capacitor or a Polymer capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com