Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627EVPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4627EVPBF
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627EVPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4627EVPBF Datasheet HTML 8Page - Linear Technology LTM4627EVPBF Datasheet HTML 9Page - Linear Technology LTM4627EVPBF Datasheet HTML 10Page - Linear Technology LTM4627EVPBF Datasheet HTML 11Page - Linear Technology LTM4627EVPBF Datasheet HTML 12Page - Linear Technology LTM4627EVPBF Datasheet HTML 13Page - Linear Technology LTM4627EVPBF Datasheet HTML 14Page - Linear Technology LTM4627EVPBF Datasheet HTML 15Page - Linear Technology LTM4627EVPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM4627
12
4627f
Multiphase Operation
For outputs that demand more than 15A of load current,
multiple LTM4627 devices can be paralleled to provide
more output current without increasing input and output
voltage ripple. The MODE_PLLIN pin allows the LTM4627
to be synchronized to an external clock (between 400kHz
to 800kHz) and the internal phase-locked loop allows the
LTM4627 to lock onto input clock phase as well. The fSET
resistor is selected for normal frequency, then the incoming
clock can synchronize the device over the specified range.
See Figure 20 for a synchronizing example circuit.
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output ca-
pacitors. The RMS input ripple current is reduced by, and
the effective ripple frequency is multiplied by, the number
of phases used (assuming that the input voltage is greater
than the number of phases used times the output voltage).
The output ripple amplitude is also reduced by the number
of phases used. See Application Note 77.
The LTM4627 device is an inherently current mode con-
trolled device, so parallel modules will have good current
sharing. This will balance the thermals in the design. Tie
the COMP and VFB pins of each LTM4627 together to
share the current evenly. Figure 20 shows a schematic of
the parallel design.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reduction as a function of the number of interleaved phases
(see Figure 2).
PLL, Frequency Adjustment and Synchronization
TheLTM4627switchingfrequencyissetbyaresistor(RfSET)
from the fSET pin to signal ground. A 10μA current (IFREQ)
flowing out of the fSET pin through RfSET develops a voltage
on fSET. RfSET can be calculated as:
RfSET(kΩ)=
FREQ(kHz)
4.5
+ 2kHz
The relationship of fSET voltage to switching frequency is
shown in Figure 3. For low output voltages from 0.8V to
1.5V, 400kHz operation is an optimal frequency for the best
power conversion efficiency while maintaining the inductor
current to about 30% to 40% of maximum load current.
For output voltages from 1.8V to 3.0V, 500kHz to 600kHz
is optimal. For output voltages from 3.0V to 5.0V, 750kHz
operation is optimal, but due to the higher ripple current
at 5V operation the output current is limited to 10A.
The LTM4627 can be synchronized from 400kHz to 800kHz
with an input clock that has a high level above 2V and
a low level below 0.8V. The 400kHz low end operation
limit is put in place to limit inductor ripple current. See the
Typical Applications section for synchronization examples.
The LTM4627 minimum on-time is limited to approximately
90ns. Guardband the on-time to 130ns. The on-time can
be calculated as:
tON(MIN)=
1
FREQ
•
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK/SS pin. The output can be tracked up and
down with another regulator. The master regulator’s output
is divided down with an external resistor divider that is the
same as the slave regulator’s feedback divider to implement
coincident tracking. The LTM4627 uses an accurate 60.4k
resistor internally for the top feedback resistor. Figure 4
shows an example of coincident tracking.
VOUT(SLAVE) = 1+
60.4k
RTA
⎛
⎝⎜
⎞
⎠⎟
•VTRACK
VTRACK is the track ramp applied to the slave’s track pin.
VTRACK has a control range of 0V to 0.6V, or the internal
reference voltage. When the master’s output is divided
down with the same resistor values used to set the slave’s
output, then the slave will coincident track with the master
until it reaches its final value. The master will continue to
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com