Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627EVPBF Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4627EVPBF
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627EVPBF Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4627EVPBF Datasheet HTML 20Page - Linear Technology LTM4627EVPBF Datasheet HTML 21Page - Linear Technology LTM4627EVPBF Datasheet HTML 22Page - Linear Technology LTM4627EVPBF Datasheet HTML 23Page - Linear Technology LTM4627EVPBF Datasheet HTML 24Page - Linear Technology LTM4627EVPBF Datasheet HTML 25Page - Linear Technology LTM4627EVPBF Datasheet HTML 26Page - Linear Technology LTM4627EVPBF Datasheet HTML 27Page - Linear Technology LTM4627EVPBF Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM4627
28
4627f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0810 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM4600
10A DC/DC μModule Regulator
Basic 10A DC/DC μModule
LTM4601A
12A DC/DC μModule Regulator with PLL,
Output Tracking/ Margining and Remote Sensing
Synchronizable, PolyPhase Operation to 48A, Pin Compatible with the
LTM4627
LTM4602
6A DC/DC μModule Regulator
Pin Compatible with the LTM4600
LTM4603
6A DC/DC μModule Regulator with PLL and
Output Tracking/Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version Has No
Remote Sensing, Pin Compatible with the LTM4601
LTM4604A
4A Low Voltage DC/DC μModule Regulator
2.375V ≤ VIN ≤ 5.5V; 0.8V ≤ VOUT ≤ 5V,
9mm
× 15mm × 2.3mm (Ultrathin) LGA Package
LTM4605
Buck-Boost DC/DC μModule Family
All Pin Compatible; Up to 5A; Up to 36VIN, 34VOUT 15mm × 15mm × 2.8mm
LTM4606
Ultralow Noise 6A DC/DC μModule Regulator
4.5V ≤ VIN ≤ 28V, 0.6V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.8mm Package
LTM4607
Buck-Boost DC/DC μModule Family
All Pin Compatible; Up to 5A; Up to 36VIN, 34VOUT 15mm × 15mm × 2.8mm
LTM4608A
8A Low Voltage DC/DC μModule Regulator
2.7V ≤ VIN ≤ 5.5V; 0.6V ≤ VOUT ≤ 5V; 9mm × 15mm × 2.8mm LGA Package
LTM4609
Buck-Boost DC/DC μModule Family
All Pin Compatible; Up to 5A; Up to 36VIN, 34VOUT 15mm × 15mm × 2.8mm
LTM4612
Ultralow Noise High VOUT DC/DC μModule Regulator
5A, 5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, 15mm × 15mm × 2.8mm Package
LTM8023
36V, 2A DC/DC μModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 9mm × 11.75mm × 2.8mm Package
LTM8032
Ultralow Noise 36V, 2A DC/DC μModule Regulator
EN55022 Class B Compliant; 0.8V ≤ VOUT ≤ 10V; 3.6V ≤ VIN ≤ 36V;
9mm
× 15mm × 2.8mm
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS
+
VOSNS
–
VFB
LTM4627
VIN
R1
10k
RFB
13.3k
R3
174k
C2
22μF
16V
C3
22μF
16V
C5
47pF
C7
0.1μF
100μF
X5R
C6
100μF
X5R
6.3V
VOUT
3.3V
10A
C4
C1
22μF
16V
INTVCC
EXTVCC
CONTINUOUS
MODE
4627 TA05
5V
SGND
GND
82pF
5V
3.3V at 10A Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com